Electronic Components Datasheet Search
  English  ▼

X  

SPC584CX Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 3Page - STMicroelectronics SPC584CX Datasheet HTML 4Page - STMicroelectronics SPC584CX Datasheet HTML 5Page - STMicroelectronics SPC584CX Datasheet HTML 6Page - STMicroelectronics SPC584CX Datasheet HTML 7Page - STMicroelectronics SPC584CX Datasheet HTML 8Page - STMicroelectronics SPC584CX Datasheet HTML 9Page - STMicroelectronics SPC584CX Datasheet HTML 10Page - STMicroelectronics SPC584CX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 153 page
background image
DS11620 Rev 8
7/153
SPC584Cx, SPC58ECx
Description
12
2
Description
The SPC584Cx and SPC58ECx microcontroller is the first in a new family of devices
superseding the SPC564Cx and SPC56ECx family. SPC584Cx and SPC58ECx builds on
the legacy of the SPC564Cx and SPC56ECx family, while introducing new features coupled
with higher throughput to provide substantial reduction of cost per feature and significant
power and performance improvement (MIPS per mW). On the SPC584Cx and SPC58ECx
device, there are two processor cores e200z420 and one e200z0 core embedded in the
Hardware Security Module.
2.1
Device feature summary
Table 2
lists a summary of major features for the SPC584Cx and SPC58ECx device. The
feature column represents a combination of module names and capabilities of certain
modules. A detailed description of the functionality provided by each on-chip module is
given later in this document.
Table 2. Features List
Feature
Description
SPC58 family
40 nm
Number of Cores
2
Local RAM
2x 64 KB Data
Single Precision Floating Point
Yes
SIMD
No
VLE
Yes
Cache
8 KB Instruction
4 KB Data
MPU
Core MPU: 24 per CPU
System MPU: 24 per XBAR
Semaphores
Yes
CRC Channels
2 x 4
Software Watchdog Timer (SWT)
3
Core Nexus Class
3+
Event Processor
4 x SCU
4 x PMC
Run control Module
Yes
System SRAM
384 KB (including 256 KB of standby RAM)
Flash
4096 KB code / 128 KB data
Flash fetch accelerator
2 x 4 x 256-bit
DMA channels
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com