Electronic Components Datasheet Search
  English  ▼

X  

SPC584CX Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 20Page - STMicroelectronics SPC584CX Datasheet HTML 21Page - STMicroelectronics SPC584CX Datasheet HTML 22Page - STMicroelectronics SPC584CX Datasheet HTML 23Page - STMicroelectronics SPC584CX Datasheet HTML 24Page - STMicroelectronics SPC584CX Datasheet HTML 25Page - STMicroelectronics SPC584CX Datasheet HTML 26Page - STMicroelectronics SPC584CX Datasheet HTML 27Page - STMicroelectronics SPC584CX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 153 page
background image
Electrical characteristics
SPC584Cx, SPC58ECx
24/153
DS11620 Rev 8
IDDSTBY8
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply, 8 KB
RAM(11)
TJ = 25 °C
—
85
160
µA
CTJ = 40 °C
—
—
250
DTJ = 55 °C
—
—
370
DTJ = 120 °C
—
1.2
2.2
mA
PTJ = 150 °C
—
2.9
5.0
IDDSTBY32
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply, 32 KB
RAM(11)
TJ = 25 °C
—
100
180
µA
CTJ = 40 °C
—
—
270
DTJ = 55 °C
—
—
410
DTJ = 120 °C
—
—
2.4
mA
PTJ = 150 °C
—
—
5.5
IDDSTBY256
CC
D
Total standby mode
current on VDD_LV and
VDD_HV supply,
256 KB RAM(11)
TJ = 25 °C
—
150
250
µA
CTJ = 40 °C
—
—
390
DTJ = 55 °C
—
—
590
DTJ = 120 °C
—
2.0
3.5
mA
PTJ = 150 °C
—
5.1
8
IDDSSWU1
CC
D
SSWU running over all
STANDBY period with
OPC/TU commands
execution and keeping
ADC off(12)
TJ =40 °C
—
1.0
3.5
mA
IDDSSWU2
CC
D
SSWU running over all
STANDBY period with
OPC/TU/ADC
commands execution
and keeping ADC
on(13)
TJ =40 °C
—
3.5
5.0
mA
1. The ranges in this table are design targets and actual data may vary in the given range.
2. The leakage considered is the sum of core logic and RAM memories. The contribution of analog modules is not considered,
and they are computed in the dynamic IDD_LV and IDD_HV parameters.
3. IDD_LKG (leakage current) and IDD_LV (dynamic current) are reported as separate parameters, to give an indication of the
consumption contributors. The tests used in validation, characterization and production are verifying that the total
consumption (leakage+dynamic) is lower or equal to the sum of the maximum values provided (IDD_LKG +IDD_LV). The two
parameters, measured separately, may exceed the maximum reported for each, depending on the operative conditions and
the software profile used.
4. Use case: 2 x e200Z4 @180 MHz, HSM @90 MHz, all IPs clock enabled, Flash access with prefetch disabled, Flash
consumption includes parallel read and program/erase, all SARADC in continuous conversion, DMA continuously triggered
by ADC conversion, 4 DSPI / 8 CAN / 2 LINFlex and 2 DSPI transmitting, 2 x EMIOS running (8 channels in OPWMT
mode), FIRC, SIRC, FXOSC, PLL0-1 running. The switching activity estimated for dynamic consumption does not include
I/O toggling, which is highly dependent on the application. Details of the software configuration are available separately.
The total device consumption is IDD_LV + IDD_HV + IDD_LKG for the selected temperature.
5. Gateway use case: Two cores running at 160 MHz, DMA, PLL, FLASH read only 25%, 8xCAN, 1xEthernet, HSM,
2xSARADC.
6. BCM use case: One Core running at 160 MHz, no lockstep no, DMA, PLL, FLASH read only 25%, 2xCAN, HSM,
4xSARADC.
Table 9. Device consumption (continued)
Symbol
C
Parameter
Conditions
Value(1)
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com