Electronic Components Datasheet Search
  English  ▼

X  

SPC584CX Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 80Page - STMicroelectronics SPC584CX Datasheet HTML 81Page - STMicroelectronics SPC584CX Datasheet HTML 82Page - STMicroelectronics SPC584CX Datasheet HTML 83Page - STMicroelectronics SPC584CX Datasheet HTML 84Page - STMicroelectronics SPC584CX Datasheet HTML 85Page - STMicroelectronics SPC584CX Datasheet HTML 86Page - STMicroelectronics SPC584CX Datasheet HTML 87Page - STMicroelectronics SPC584CX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 153 page
background image
Electrical characteristics
SPC584Cx, SPC58ECx
84/153
DS11620 Rev 8
4.17.2.1
DSPI master mode full duplex timing with CMOS pads
4.17.2.1.1 DSPI CMOS master mode – classic timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
Table 46. DSPI channel frequency support
DSPI use mode(1)
Max usable
frequency
(MHz)(2),(3)
CMOS (Master
mode)
Full duplex – Classic timing (Table 47)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
DSPI_5, DSPI_6,
DSPI_7
10
DSPI_4
17
Full duplex – Modified timing (Table 48)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
DSPI_5, DSPI_6,
DSPI_7
10
DSPI_4
30
Output only mode (SCK/SOUT/PCS) (Table 47 and
Table 48
)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
DSPI_5, DSPI_6,
DSPI_7
10
DSPI_4
30
Output only mode TSB mode (SCK/SOUT/PCS)
DSPI_0, DSPI_1,
DSPI_2, DSPI_3,
DSPI_5, DSPI_6,
DSPI_7
10
DSPI_4
30
CMOS (Slave mode Full duplex) (Table 49)—
16
1. Each DSPI module can be configured to use different pins for the interface. Refer to the device pinout Microsoft Excel file
attached to the IO_Definition document for the available combinations. It is not possible to reach the maximum
performance with every possible combination of pins.
2. Maximum usable frequency can be achieved if used with fastest configuration of the highest drive pads.
3. Maximum usable frequency does not take into account external device propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com