Electronic Components Datasheet Search
  English  ▼

X  

SPC584CX Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 5Page - STMicroelectronics SPC584CX Datasheet HTML 6Page - STMicroelectronics SPC584CX Datasheet HTML 7Page - STMicroelectronics SPC584CX Datasheet HTML 8Page - STMicroelectronics SPC584CX Datasheet HTML 9Page - STMicroelectronics SPC584CX Datasheet HTML 10Page - STMicroelectronics SPC584CX Datasheet HTML 11Page - STMicroelectronics SPC584CX Datasheet HTML 12Page - STMicroelectronics SPC584CX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 153 page
background image
DS11620 Rev 8
9/153
SPC584Cx, SPC58ECx
Description
12
Figure 1. Block diagram
Instruction
32 ADD
64 DATA
Load / Store
32 ADD
64 DATA
M4
M5
FLASH
4 MB
EEPROM
4x32 KB
Non Volatile Memory
Multiple RWW partitions
256 Page Line
EFPU2
VLE
Core Memory Protection Unit
(CMPU)
e200 z420n3 – 180 MHz
dual issue
Main Core_0
Nexus3p
BIU with E2E ECC
Decorated Storage Access
SWT_0 IAC
S5
System Memory Protection Unit
Cross Bar Switch (XBAR) AMBA 2.0 v6 AHB – 64 bits
Unified
Backdoor
Interface
With
E2E ECC
S7
Periph.
Bridge 2
E2E ECC
Peripheral
Cluster 2
32 ADD
64 DATA
32 ADD
32 DATA
Periph.
Bridge 1
E2E ECC
Peripheral
Cluster 1
32 ADD
64 DATA
32 ADD
32 DATA
PRAMC_3
with E2E
ECC
32 ADD
64 DATA
SRAM
Array 3
128 KB
32 ADD
64 DATA
PRAMC_2
with E2E
ECC
32 ADD
64 DATA
SRAM
Array 2
256 KB
32 ADD
64 DATA
PFLASHC_1
Set-Associative Prefetch
Buffers
with E2E ECC
32 ADD
64 DATA
S4
S2
S0
S1
S6
M0
M1
S3
SPU
DCI
JTAGC
JTAGM
NPC
32 ADD
64 DATA
M3
Nexus Data
Trace
Nexus Data
Trace
HSM
32 ADD
64 DATA
32 ADD
64 DATA
M2
Concentrator_1
E2E ECC
PAMU
SWT_2 IAC
Instruction
32 ADD
64 DATA
Load / Store
32 ADD
64 DATA
e200 z420n3 – 180 MHz
dual issue
Main Core_2
Nexus3p
VLE
EFPU2
Unified
Backdoor
Interface
With
E2E ECC
Core Memory Protection Unit
(CMPU)
BIU with E2E ECC
Decorated Storage Access
INTC
I-Cache
Control
8 KB
2 way
D-MEM
Control
64 KB
D-MEM
D-Cache
Control
4 KB
2 way
I-Cache
Control
8 KB
2 way
D-MEM
Control
64 KB
D-MEM
D-Cache
Control
4 KB
2 way
Nexus Data
Trace
32 ADD
64 DATA
M6
32 ADD
64 DATA
64 Ch
eDMA_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com