Electronic Components Datasheet Search
  English  ▼

X  

SPC584CX Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC584CX
Description  SPC58 C Line - 32 bit Power Architecture automotive MCU Dual z4 cores 180 MHz, 4 MBytes Flash, HSM, ASIL-B
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC584CX Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC584CX Datasheet HTML 7Page - STMicroelectronics SPC584CX Datasheet HTML 8Page - STMicroelectronics SPC584CX Datasheet HTML 9Page - STMicroelectronics SPC584CX Datasheet HTML 10Page - STMicroelectronics SPC584CX Datasheet HTML 11Page - STMicroelectronics SPC584CX Datasheet HTML 12Page - STMicroelectronics SPC584CX Datasheet HTML 13Page - STMicroelectronics SPC584CX Datasheet HTML 14Page - STMicroelectronics SPC584CX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 153 page
background image
DS11620 Rev 8
11/153
SPC584Cx, SPC58ECx
Description
12
2.3
Features overview
On-chip modules within SPC584Cx and SPC58ECx include the following features:
•
Two main CPUs, dual issue, 32-bit CPU core complexes (e200z4).
–
Power Architecture embedded specification compliance
–
Instruction set enhancement allowing variable length encoding (VLE), encoding a
mix of 16-bit and 32-bit instructions, for code size footprint reduction
–
Single-precision floating point operations
–
64 KB local data RAM for Core_0 and Core_2
–
8 KB I-Cache and 4 KB D-Cache for Core_0 and Core_2
•
4224 KB (4096 KB code flash + 128 KB data flash) on-chip flash memory
–
Supports read during program and erase operations, and multiple blocks allowing
EEPROM emulation
•
176 KB HSM dedicated flash memory (144 KB code + 32 KB data)
•
384 KB on-chip general-purpose SRAM (+ 128 KB local data RAM: 64 KB included in
each CPU)
•
Multi channel direct memory access controllers
–
64 eDMA channels
•
One interrupt controller (INTC)
•
Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
•
Crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from
multiple bus masters with end-to-end ECC
•
Hardware security module (HSM) with HW cryptographic co-processor
•
System integration unit lite (SIUL)
•
Boot assist Flash (BAF) supports factory programming using a serial bootload through
the asynchronous CAN or LIN/UART.
•
Hardware support for safety ASIL-B level related applications
•
Enhanced modular IO subsystem (eMIOS): up to 64 (2 x 32) timed I/O channels with
16-bit counter resolution
–
Buffered updates
–
Support for shifted PWM outputs to minimize occurrence of concurrent edges
–
Supports configurable trigger outputs for ADC conversion for synchronization to
channel output waveforms
–
Shared or independent time bases
–
DMA transfer support available
•
Body cross triggering unit (BCTU)
–
Triggers ADC conversions from any eMIOS channel
–
Triggers ADC conversions from up to 2 dedicated PIT_RTIs
–
One event configuration register dedicated to each timer event allows to define the
corresponding ADC channel
–
Synchronization with ADC to avoid collision
•
Enhanced analog-to-digital converter system with:
–
Three independent fast 12-bit SAR analog converters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com