Electronic Components Datasheet Search
  English  ▼

X  

DAC7821 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7821 Datasheet(HTML) 5 Page - Texas Instruments

  DAC7821 Datasheet HTML 1Page - Texas Instruments DAC7821 Datasheet HTML 2Page - Texas Instruments DAC7821 Datasheet HTML 3Page - Texas Instruments DAC7821 Datasheet HTML 4Page - Texas Instruments DAC7821 Datasheet HTML 5Page - Texas Instruments DAC7821 Datasheet HTML 6Page - Texas Instruments DAC7821 Datasheet HTML 7Page - Texas Instruments DAC7821 Datasheet HTML 8Page - Texas Instruments DAC7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
DB11 (MSB)
DB10
DB9
DB8
DB7
DB6
DB5
DB0 (LSB)
DB1
DB2
DB3
DB4
DAC7821
TSSOP-20
I
1
OUT
R
FB
V
REF
V
DD
I
2
OUT
R/W
CS
QFN-20
(1)
GND
DB11
DB10
DB9
DB8
DB0
DB1
DB2
DAC7821
1
2
3
4
5
15
14
13
12
11
R/W
CS
DAC7821
SBAS365A – OCTOBER 2005 – REVISED FEBRUARY 2006
(1)
QFN-20 package available 2Q 2006.
TERMINAL FUNCTIONS
TERMINAL
TSSOP
QFN
NO.
NO.
NAME
DESCRIPTION
1
19
IOUT1
DAC current output.
2
20
IOUT2
DAC analog ground. This pin is normally tied to the analog ground of the system.
3
1
GND
Ground pin.
4–15
2–13
DB11 – DB0
Parallel data bits 11 to 0.
Chip select input. Active low. Used in conjunction with R/W to load parallel data to the input
16
14
CS
latch or read data from the DAC register. Rising edge of CS loads data.
Read/Write. When low, use in conjunction with CS to load parallel data. When high, use with
17
15
R/W
CS to read back contents of DAC register.
18
16
VDD
Positive power supply input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC reference voltage input.
DAC feedback resistor pin. Establish voltage output for the DAC by connecting to external
20
18
RFB
amplifier output.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com