Electronic Components Datasheet Search
  English  ▼

X  

DAC7821 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments DAC7821 Datasheet HTML 16Page - Texas Instruments DAC7821 Datasheet HTML 17Page - Texas Instruments DAC7821 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
Parallel Interface
Cross-Reference
DAC7821
SBAS365A – OCTOBER 2005 – REVISED FEBRUARY 2006
APPLICATION INFORMATION (continued)
Data is loaded to the DAC7821 as a 12-bit parallel word. The bi-directional bus is controlled with CS and R/W,
allowing data to be written to or read from the DAC register. To write to the device, CS and R/W are brought low,
and data available on the data lines fills the input register. The rising edge of CS latches the data and transfers
the latched data-word to the DAC register. The DAC latches are not transparent; therefore, a write sequence
must consist of a falling and rising edge on CS in order to ensure that data is loaded to the DAC register and its
analog equivalent is reflected on the DAC output.
To read data stored in the device, R/W is held high and CS is brought low. Data is loaded from the DAC register
back to the input register and out onto the data line, where it can be read back to the controller.
The DAC7821 has an industry-standard pinout. Table 1 provides the cross-reference information.
Table 1. Cross-Reference
SPECIFIED
TEMPERATURE
PACKAGE
PACKAGE
CROSS-
PRODUCT
INL (LSB)
DNL (LSB)
RANGE
DESCRIPTION
OPTION
REFERENCE PART
DAC7821
±1
±1
–40
°C to +125°C
20-Lead TSSOP
TSSOP-20
AD5445
DAC7821
±1
±1
–40
°C to +125°C
20-Lead QFN(1)
QFN-20
AD5445
(1)
Available 2Q 2006.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com