Electronic Components Datasheet Search
  English  ▼

X  

DAC7821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 7Page - Texas Instruments DAC7821 Datasheet HTML 8Page - Texas Instruments DAC7821 Datasheet HTML 9Page - Texas Instruments DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
THEORY OF OPERATION
R
R
R
R
2R
2R
2R
2R
2R
DB0
(LSB)
DB9
DB10
DB11
(MSB)
I
1
OUT
R
FB
V
REF
I
2
OUT
)(V
OUT
+ ) VREF
CODE
4096
(1)
OPA277
DAC7821
15V
V+
V-
-15V
GND
I
1
OUT
R
FB
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
DAC7821
SBAS365A – OCTOBER 2005 – REVISED FEBRUARY 2006
The DAC7821 is a single channel current output, 12-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 25, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to IOUT1 or the IOUT2 terminal. The IOUT1 terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code-independent load
impedance to the external reference of 10 k
Ω ±20%. The external reference voltage can vary over a range of
–15 V to +15 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the
DAC7821 RFB resistor, output voltage ranges of –VREF to VREF can be generated.
Figure 25. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC7821 RFB resistor, the DAC output voltage is given by
Equation 1:
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT1 terminal changes versus code, the external I/V converter noise gain
will also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage
such that the amplifier offset is not modulated by the DAC IOUT1 terminal impedance change. External op amps
with large offset voltages can produce INL errors in the transfer function of the DAC7821 as a result of offset
modulation versus DAC code.
For best linearity performance of the DAC7821, an op amp with a low input offset voltage (OPA277) is
recommended (see Figure 26). This circuit allows VREF swinging from –10 V to +10 V.
Figure 26. Voltage Output Configuration
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com