Electronic Components Datasheet Search
  English  ▼

X  

DAC7821 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7821
Description  12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC7821 Datasheet HTML 8Page - Texas Instruments DAC7821 Datasheet HTML 9Page - Texas Instruments DAC7821 Datasheet HTML 10Page - Texas Instruments DAC7821 Datasheet HTML 11Page - Texas Instruments DAC7821 Datasheet HTML 12Page - Texas Instruments DAC7821 Datasheet HTML 13Page - Texas Instruments DAC7821 Datasheet HTML 14Page - Texas Instruments DAC7821 Datasheet HTML 15Page - Texas Instruments DAC7821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
Stability Circuit
GND
I
1
OUT
R
FB
V
REF
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
C
1
U1
U2
Positive Voltage Output Circuit
GND
-2.5V
+2.5 V Reference
OPA277
GND
I
1
OUT
R
FB
0
V
<
OUT
+2.5 V
<
V
OUT
V
REF
V
DD
V
IN
V
DD
V
OUT
I
2
OUT
C
1
OPA277
DAC7821
Bipolar Output Section
)(V
OUT +
D
0.5
2N
)1
V
REF
(2)
DAC7821
SBAS365A – OCTOBER 2005 – REVISED FEBRUARY 2006
For a current-to-voltage design (see Figure 27), the DAC7821 current output (IOUT) and the connection with the
inverting node of the op amp should be as short as possible and according to correct printed circuit board (PCB)
layout design. For each code change, there is a step function. If the gain bandwidth product (GBP) of the op amp
is limited and parasitic capacitance is excessive at the inverting node, then gain peaking is possible. Therefore,
for circuit stability, a compensation capacitor C1 (1 pF to 5 pF typ) can be added to the design, as shown in
Figure 27.
Figure 27. Gain Peaking Prevention Circuit with Compensation Capacitor
As Figure 28 illustrates, in order to generate a positive voltage output, a negative reference is input to the
DAC7821. This design is suggested instead of using an inverting amp to invert the output as a result of resistor
tolerance errors. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual ground
and a –2.5 V input to the DAC7821 with an op amp.
Figure 28. Positive Voltage Output Circuit
The DAC7821, as a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing. As shown in Figure 29,
external op amp U4 is added as a summing amp and has a gain of 2X that widens the output span to 5 V. A
4-quadrant multiplying circuit is implemented by using a 2.5 V offset of the reference voltage to bias U4.
According to the circuit transfer equation given in Equation 2, input data (D) from code 0 to full-scale produces
output voltages of VOUT = –2.5 V to VOUT = +2.5 V.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com