Electronic Components Datasheet Search
  English  ▼

X  

2865340 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2865340
Description  Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865340 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2865340 Datasheet HTML 1Page - PHOENIX CONTACT 2865340 Datasheet HTML 2Page - PHOENIX CONTACT 2865340 Datasheet HTML 3Page - PHOENIX CONTACT 2865340 Datasheet HTML 4Page - PHOENIX CONTACT 2865340 Datasheet HTML 5Page - PHOENIX CONTACT 2865340 Datasheet HTML 6Page - PHOENIX CONTACT 2865340 Datasheet HTML 7Page - PHOENIX CONTACT 2865340 Datasheet HTML 8Page - PHOENIX CONTACT 2865340 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2865340
02/04/2022   Page 3 / 15
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I - 2865340
Technical data
Output data
Transmission Behavior
1:1 to input signal
Load/output load current output
< 1000 Ω (20 mA)
< 825 Ω (24 mA)
Output ripple
< 20 mVrms
Output behavior in the event of an error
0 mA (Cable break in the input)
0 mA (Cable short-circuit in the input)
Power supply
Designation
Repeater power supply operation
Nominal supply voltage
24 V DC
Supply voltage range
19.2 V DC ... 30 V DC (24 V DC, -20 % ... +25  %)
Max. current consumption
< 76 mA (24 V DC / 20 mA / 1000 Ω)
Power dissipation
< 1.1 W (24 V DC / 20 mA / 1000 Ω)
Power consumption
< 1.8 W (20 mA / 1000 Ω)
Designation
Signal conditioner operation
Nominal supply voltage range
19.2 V DC ... 30 V DC (24 V DC, -20 % ... +25  %)
Max. current consumption
< 44 mA (24 V DC / 20 mA / 1000 Ω)
Power dissipation
< 0.75 W (24 V DC / 20 mA / 1000 Ω)
Connection data
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
24 ... 14
Torque
0.5 Nm ... 0.6 Nm
Connection data 2
Connection name
Test socket
Max. diameter
2 mm
General
No. of channels
1
Maximum transmission error
< 0.1 % (of final value)
Transmission error, typical
< 0.05 % (of final value)
Maximum temperature coefficient
< 0.01 %/K
Temperature coefficient, typical
< 0.004 %/K
Step response (10-90%)
< 200 µs (for jump 4 mA ... 20 mA, load 600 Ω)
< 600 µs (for jump 0 mA ... 20 mA, load 600 Ω)
Status display
Green LED (supply voltage)
Degree of pollution
2
Overvoltage category
II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com