Electronic Components Datasheet Search
  English  ▼

X  

2865340 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2865340
Description  Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865340 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2865340 Datasheet HTML 1Page - PHOENIX CONTACT 2865340 Datasheet HTML 2Page - PHOENIX CONTACT 2865340 Datasheet HTML 3Page - PHOENIX CONTACT 2865340 Datasheet HTML 4Page - PHOENIX CONTACT 2865340 Datasheet HTML 5Page - PHOENIX CONTACT 2865340 Datasheet HTML 6Page - PHOENIX CONTACT 2865340 Datasheet HTML 7Page - PHOENIX CONTACT 2865340 Datasheet HTML 8Page - PHOENIX CONTACT 2865340 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2865340
02/04/2022   Page 2 / 15
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I - 2865340
Technical data
Dimensions
Width
12.5 mm
Height
112.5 mm
Depth
113.7 mm
114.5 mm (Snapped onto DIN rail NS 35/7,5 in accordance with
EN 60715)
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C (Any mounting position)
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Maximum altitude
≤ 2000 m
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Degree of protection
IP20 (not assessed by UL)
Noise immunity
EN 61000-6-2 When being exposed to interference, there may be
minimal deviations.
Input data
Signal input
Active current input, intrinsically safe
Current input signal
4 mA ... 20 mA
Transmitter supply voltage
> 16 V (20 mA)
> 15.3 V (22.5 mA)
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Polarization and surge protection
Yes
Signal input
Passive current input, intrinsically safe
Current input signal
0 mA ... 20 mA
4 mA ... 20 mA
Voltage drop
< 3.5 V (in input isolating amplifier operation)
Underload/overload signal range
0 mA ... 24 mA (Extended transmission range for diagnostics)
Output data
Signal output
Current output (active and passive)
Current output signal
4 mA ... 20 mA (active)
4 mA ... 20 mA (14 ... 26 V ext. source voltage)
Transmission Behavior
1:1 to input signal
Load/output load current output
< 1000 Ω (20 mA)
< 825 Ω (24 mA)
Output ripple
< 20 mVrms
Output behavior in the event of an error
0 mA (Cable break in the input)
≥ 22.5 mA (Cable short-circuit in the input)
Signal output
Current output (active and passive)
Current output signal
0 mA ... 20 mA (active)
4 mA ... 20 mA (active)
0 mA ... 20 mA (14 ... 26 V ext. source voltage)
4 mA ... 20 mA (14 ... 26 V ext. source voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com