Electronic Components Datasheet Search
  English  ▼

X  

2865340 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2865340
Description  Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865340 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2865340 Datasheet HTML 1Page - PHOENIX CONTACT 2865340 Datasheet HTML 2Page - PHOENIX CONTACT 2865340 Datasheet HTML 3Page - PHOENIX CONTACT 2865340 Datasheet HTML 4Page - PHOENIX CONTACT 2865340 Datasheet HTML 5Page - PHOENIX CONTACT 2865340 Datasheet HTML 6Page - PHOENIX CONTACT 2865340 Datasheet HTML 7Page - PHOENIX CONTACT 2865340 Datasheet HTML 8Page - PHOENIX CONTACT 2865340 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2865340
02/04/2022   Page 4 / 15
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I - 2865340
Technical data
General
Electromagnetic compatibility
Conformance with EMC directive
Interference emission
EN 61000-6-4
Housing material
PA 6.6-FR
Designation
Input/output/power supply
Rated insulation voltage
300 Vrms
Test voltage
2.5 kV AC (50 Hz, 1 min.)
Insulation
Safe isolation in accordance with IEC/EN 61010-1
Designation
Input/output
Electrical isolation
375 V (Peak value in accordance with IEC/EN 60079-11)
Designation
Input/power supply
Electrical isolation
375 V (Peak value in accordance with IEC/EN 60079-11)
Data communication (bypass)
HART function
Yes
Protocols supported
HART
Safety characteristic data
Integrity requirement
IEC 61508 - Low demand
Designation
Signal conditioner operation
Note
see data sheet
Integrity requirement
IEC 61508 - Low demand
Designation
Repeater power supply operation
Note
see data sheet
EMC data
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
Typical deviation from the measuring range final value
1 %
Designation
Fast transients (burst)
Standards/regulations
EN 61000-4-4
Typical deviation from the measuring range final value
1 %
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Typical deviation from the measuring range final value
1 %
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC directive
Noise emission
EN 61000-6-4
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
EN 61000-4-4
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com