Electronic Components Datasheet Search
  English  ▼

X  

2865340 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 2865340
Description  Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865340 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 2865340 Datasheet HTML 7Page - PHOENIX CONTACT 2865340 Datasheet HTML 8Page - PHOENIX CONTACT 2865340 Datasheet HTML 9Page - PHOENIX CONTACT 2865340 Datasheet HTML 10Page - PHOENIX CONTACT 2865340 Datasheet HTML 11Page - PHOENIX CONTACT 2865340 Datasheet HTML 12Page - PHOENIX CONTACT 2865340 Datasheet HTML 13Page - PHOENIX CONTACT 2865340 Datasheet HTML 14Page - PHOENIX CONTACT 2865340 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2865340
02/04/2022   Page 13 / 15
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I - 2865340
Accessories
Insulating sleeve - MPS-IH BK - 0201731
Insulating sleeve, color: black
 
 
Labeled device marker
Plastic label - UC-EMLP (11X9) CUS - 0824547
Plastic label, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: adhesive,
lettering field size: 11 x 9 mm
 
 
Plastic label - UC-EMLP (11X9) YE CUS - 0824548
Plastic label, can be ordered: by sheet, yellow, labeled according to customer specifications, mounting type:
adhesive, lettering field size: 11 x 9 mm
 
 
Plastic label - UC-EMLP (11X9) SR CUS - 0828098
Plastic label, can be ordered: by sheet, silver, labeled according to customer specifications, mounting type: adhesive,
lettering field size: 11 x 9 mm, Number of individual labels: 10
 
 
Module carrier
Module carrier - TC-D37SUB-AIO16-EX-PS-UNI - 2902932
Universal termination carrier for connecting 16 MACX Analog Ex i signal conditioners to digital or analog I/O cards,
via D-SUB connector, 37-pos. (1:1 connection), with HART multiplexer connection
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com