Electronic Components Datasheet Search
  English  ▼

X  

2865340 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2865340
Description  Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2865340 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2865340 Datasheet HTML 1Page - PHOENIX CONTACT 2865340 Datasheet HTML 2Page - PHOENIX CONTACT 2865340 Datasheet HTML 3Page - PHOENIX CONTACT 2865340 Datasheet HTML 4Page - PHOENIX CONTACT 2865340 Datasheet HTML 5Page - PHOENIX CONTACT 2865340 Datasheet HTML 6Page - PHOENIX CONTACT 2865340 Datasheet HTML 7Page - PHOENIX CONTACT 2865340 Datasheet HTML 8Page - PHOENIX CONTACT 2865340 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2865340
02/04/2022   Page 1 / 15
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-I - 2865340
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ex i repeater power supply and input signal conditioner, HART-transparent. Transmits supplied or active 0/4
… 20 mA signals from the Ex area to a load (active or passive) in the safe area. 3-way electrical isolation,
SIL 2 in accordance with IEC 61508, with screw connection
Your advantages
 0/4 mA ... 20 mA input, intrinsically safe, [Ex ia], powered and not powered
 Measuring transducer supply voltage > 16 V
 0/4 mA ... 20 mA output, active up to 1000 Ω load or passive
 Bidirectional HART signal transmission
 Error indication according to NAMUR NE 43
 SIL 2 according to IEC 61508/EN 61508
 Installation in zone 2, protection type "ec" (EN 60079-7) permitted
 3-way electrical isolation
 Power supply possible via DIN rail connector
 Plug-in connection terminal blocks, screw connection technology, with integrated sockets for HART communicators
 Housing width: 12.5 mm
 Minimal power dissipation
 High transmission accuracy
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356160353
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions


Similar Part No. - 2865340

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2865340000 WEIDMULLER-2865340000 Datasheet
226Kb / 4P
SL 7.62/10/90B 3.2SN GN BX
More results

Similar Description - 2865340

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2811909 PHOENIX-2811909 Datasheet
42Kb / 2P
Dummy - MACX MCR-EX-SL-RPSSI-I-DUMMY
2924207 PHOENIX-2924207 Datasheet
96Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-SP
2924210 PHOENIX-2924210 Datasheet
99Kb / 5P
Repeater power supply - MACX MCR-SL-RPSSI-I-UP-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
106034 PHOENIX-106034 Datasheet
438Kb / 16P
MACX MCR-EX-SL-RPSSI-2I(-SP)
2865955 PHOENIX-2865955 Datasheet
419Kb / 13P
Power/input isolating amplifier - MACX MCR-SL-RPSSI-I
02/04/2022
2924016 PHOENIX-2924016 Datasheet
389Kb / 15P
Power/input isolating amplifier - MACX MCR-EX-SL-RPSSI-ISP
02/04/2022
2924825 PHOENIX-2924825 Datasheet
353Kb / 12P
Repeater power supply - MACX MCR-SL-RPSSI-2I
02/04/2022
2865450 PHOENIX-2865450 Datasheet
193Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-NAM-2RO
09/12/2020
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com