Electronic Components Datasheet Search
  English  ▼

X  

AD5535 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5535 Datasheet HTML 3Page - Analog Devices AD5535 Datasheet HTML 4Page - Analog Devices AD5535 Datasheet HTML 5Page - Analog Devices AD5535 Datasheet HTML 6Page - Analog Devices AD5535 Datasheet HTML 7Page - Analog Devices AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices AD5535 Datasheet HTML 10Page - Analog Devices AD5535 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
AD5535
Rev. PrE | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
A
B
C
D
E
F
G
J
H
K
L
M
N
P
10
8
7
6
3
2
1
9
5
4
11 12 13 14
10
8
7
6
3
2
1
9
5
4
11 12 13 14
A
B
C
D
E
F
G
J
H
K
L
M
N
P
Figure 3. Pin Configuration
Table 4. 124-Lead CSP-BGA Ball Configuration
CSP-BGA
Number
Ball Name
A1
N/C
A2
VOUT 1
A4
VOUT 7
A6
VOUT 11
A8
VOUT 16
A10
VOUT 20
A12
VOUT 25
A14
N/C
B1
VOUT 0
B3
VOUT 4
B5
VOUT 9
B7
VOUT 13
B9
VOUT 17
B11
VOUT 21
B13
VOUT 26
C2
VOUT 3
C12
VOUT 22
CSP-BGA
Number
Ball Name
C14
VOUT 29
D1
VOUT 2
D13
VOUT 23
E2
VOUT 5
E4
VOUT 8
E6
VOUT 12
E8
VOUT 15
E10
VOUT 19
E12
VOUT 24
E14
VOUT 31
F3
VOUT 6
F5
VOUT 10
F7
VOUT 14
F9
VOUT 18
F13
VOUT 30
G14
VOUT 28
H1
VPP
CSP-BGA
Number
Ball Name
H2
VPP
H13
VOUT 27
J3–J12
AGND
K1
V+
K2
V+
K3–K14
AGND
L1
V–
L2
V–
L3–L13
AGND
L14
DAC_GND
M1
AGND
M2
AGND
M3–12
AGND
M13
AVCC
M14
AVCC
N1
PGND
N2
PGND
CSP-BGA
Number
Ball Name
N3
CATHODE
N4
ANODE
N5–N14
AGND
P1
N/C
P2
REF_IN
P3
DAC_GND
P4
RESET
P5
DVCC
P6
DGND
P7
TEST
P8
DIN
P9
SCLK
P10
SYNC
P11–P13
AGND
P14
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com