Electronic Components Datasheet Search
  English  ▼

X  

AD5535 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices AD5535 Datasheet HTML 10Page - Analog Devices AD5535 Datasheet HTML 11Page - Analog Devices AD5535 Datasheet HTML 12Page - Analog Devices AD5535 Datasheet HTML 13Page - Analog Devices AD5535 Datasheet HTML 14Page - Analog Devices AD5535 Datasheet HTML 15Page - Analog Devices AD5535 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Preliminary Technical Data
AD5535
Rev. PrE | Page 15 of 16
OUTLINE DIMENSIONS
SEATING
PLANE
DETAIL A
BALL DIAMETER
0.12 NOM
COPLANARITY
1.00 BSC
A
B
C
D
E
F
G
J
H
K
L
M
N
P
10
8 7 6
3 2 1
9
5 4
11
12
13
14
*1.25 MAX
0.85 MIN
A1 CORNER
INDEX AREA
TOP VIEW
15.00
BSC SQ
DETAIL A
BOTTOM VIEW
*0.41
0.36
0.31
1.70 MAX
*0.46 NOM
*COMPLIANT WITH JEDEC STANDARDS

MO-192-AAE-1 EXCEPT FOR DIMENSIONS
INDICATED BY A "*" SYMBOL. NOMINAL BALL
SIZE IS REDUCED FROM 0.60mm TO 0.46mm.
Figure 18. 124-Lead CSB-BGA Package [CSP-BGA]
(BC-124)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Function
Output Voltage Span
Temperature Range
Package Description
Package Option
AD5535ABC
32 DACs
0 to 200 V maximum
−10°C to +85°C
124-Lead CSP-BGA
BC-124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com