Electronic Components Datasheet Search
  English  ▼

X  

AD5535 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 3 Page - Analog Devices

  AD5535 Datasheet HTML 1Page - Analog Devices AD5535 Datasheet HTML 2Page - Analog Devices AD5535 Datasheet HTML 3Page - Analog Devices AD5535 Datasheet HTML 4Page - Analog Devices AD5535 Datasheet HTML 5Page - Analog Devices AD5535 Datasheet HTML 6Page - Analog Devices AD5535 Datasheet HTML 7Page - Analog Devices AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
AD5535
Rev. PrE | Page 3 of 16
SPECIFICATIONS
VPP = 210 V, V− = −5 V, V+ = +5 V; AVCC = 5.25 V; DVCC = 2.7 V to 5.25 V; AGND = DGND = DAC_GND = 0 V; REF_IN = 4.096 V;
all outputs unloaded. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Grade2
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
DC PERFORMANCE
Resolution
14
Bits
Integral Nonlinearity (INL)
±0.1
% of FSR
Differential Nonlinearity (DNL)
±0.5
±1
LSB
Guaranteed monotonic
Zero Code Voltage
2
V
Offset Error
–45
+45
mV
Offset Drift
0.09
LSB/°C
Voltage Gain
47.5
50
52.5
V/V
Gain Temperature Coefficient
TBD
ppm/°C
Channel-to-Channel Gain Match
5
%
Full-Scale Voltage Drift
8
ppm/°C
OUTPUT CHARACTERISTICS
Output Voltage Range3
0
VPP – 10
V
Output Impedance
50
Ω
Resistive Load4, 5
1
MΩ
Capacitive Load4
200
pF
Short-Circuit Current
0.7
mA
DC Crosstalk4
3
LSB
DC Power Supply Rejection (PSRR), VPP
70
dB
AC CHARACTERISTICS
Settling Time
1/4 to 3/4 Scale Step
30
µs
No load
100
µs
200 pF load
1 LSB Step
10
µs
No load
10
µs
200 pF load
Slew Rate
10
V/µs
No load
3
V/µs
200 pF load
–3 dB Bandwidth
5
kHz
Output Noise Spectral Density
TBD
nV/
√Hz
Measured at 1 kHz
0.1 Hz to 10 Hz Output Noise Voltage
TBD
µV p-p
Digital-to-Analog Glitch Impulse
TBD
nV–s typ
1 LSB change around major carry
Digital Crosstalk
TBD
nV–s typ
Analog Crosstalk
13
µV–s typ
Digital Feedthrough
TBD
nV–s typ
VOLTAGE REFERENCE, REF_IN6
AVCC must exceed REFIN by 1.25 V min
Input Voltage Range4
1
4.096
V
Input Current
1
µA
TEMPERATURE MEASUREMENT DIODE4
Peak Inverse Voltage, PIV
5
V
Cathode to anode
Forward Diode Drop, VF
0.8
V
IF = 2 mA, anode to cathode
Forward Diode Current, IF
2
mA
Anode to cathode
VF Temperature Coefficient, TC
–1.44
mV/°C
IF = 250 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com