Electronic Components Datasheet Search
  English  ▼

X  

AD5535 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices AD5535 Datasheet HTML 10Page - Analog Devices AD5535 Datasheet HTML 11Page - Analog Devices AD5535 Datasheet HTML 12Page - Analog Devices AD5535 Datasheet HTML 13Page - Analog Devices AD5535 Datasheet HTML 14Page - Analog Devices AD5535 Datasheet HTML 15Page - Analog Devices AD5535 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5535
Preliminary Technical Data
Rev. PrE | Page 14 of 16
POWER SUPPLY SEQUENCING AND DECOUPLING
RECOMMENDATIONS
The diagram in Figure 17 shows the recommended decoupling,
and power supply protection for the AD5535. On the AD5535 it
is recommended that all grounds be tied together as close to the
device as possible. All supplies should be brought back
separately and a provision be made on the board via a link
option to drive the AVCC and V+ from the same supply if
required to reduce the number of supplies. All power supplies
should be adequately decoupled with 10 uF tantalum and 0.1 uF
ceramic capacitors. Note that the capacitors on the VPP supply
must be rated at greater than 210 V. To overcome issues
associated with power supply sequencing when using high
voltage supplies, the use of protection diodes as indicated in
Figure 17 is recommended.
AGND
DACGND
DGND
DVCC
AVCC
VPP
PGND
V–
V+
AVCC = +5V
DVCC = +5V
VPP = +210V
V+ = +5V
V– = –5V
AD5535
SD103C
RS1G
10
µF
10
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
10
µF
10
µF
0.1
µF
0.1
µF
HIGH VOLTAGE DIODE
MFTR: GS
SCHOTTKY DIODE
MFTR: ITT
Figure 17. Recommended Power Supply Sequencing and Decoupling
GUIDELINES FOR PRINTED CIRCUIT BOARD
LAYOUT
Printed circuit boards should be designed such that the analog
and digital sections are separated and confined to designated
analog and digital sections of the board. This facilitates the use
of ground planes that can be separated easily. A minimum etch
technique is generally found to be the best for ground planes,
because this optimizes shielding of sensitive signal lines. Digital
and analog grounds planes should be joined only in one place,
at the AGND and DGND pins of the high resolution converter.
Data and address busses on the board should be buffered or
latched to isolate the high frequency bus of the processor from
the bus of the high-resolution converters. These act as a faraday
shield and increase the signal-to-noise performance of the
converters by reducing the amount of high frequency digital
coupling. Avoid running digital lines under the device, becaus
they couple noise onto the die. The ground plane shou
e
ld be
es to
ts
osite
to reduce the effects of feedthrough
ble
mum
alog performance but at
to
tored in
ce
s
rs should be decoupled again with
le high frequency effects associated with
digital circuitry.
allowed to run under the IC to avoid noise coupling.
As large a trace as possible should be used for the supply lin
the device to provide low impedance paths and reduce the
effects of glitches on the power supply line. Fast switching
signals like clocks should be shielded with digital ground to
avoid radiating noise to other sections of the board, and clock
signals should never be run near analog inputs of devices. Avoid
crossovers of digital and analog signals. Traces for analog inpu
should be kept as wide and as short as possible and should be
shielded with analog ground where possible. Traces on opp
sides of a 2-layer printed circuit board should run at right
angles to each other
through the board.
A microstrip technique is by far the best, but not always possi
with a double-sided board. In this technique the component
side of the board is dedicated to ground planes, and signals are
placed on the solder side. Multilayer printed circuit boards with
dedicated ground, power, and tracking layers offer the opti
solution in terms of obtaining an
increased manufacturing costs.
Good decoupling is vitally important when using high resolu-
tion converters. All analog supplies should be decoupled with
10 µF tantalum in parallel with 0.1 µF ceramic capacitors
analog ground. To achieve the best from the decoupling
components, these have to be placed as close to the device as
possible ideally right up against the IC or IC socket. The main
aim of a bypassing element is to maximize the charge s
the bypass loop while simultaneously minimizing the
inductance of this loop. Inductance in the loop acts as an
impedance to high frequency transients and results in power
supply spiking. By keeping the decoupling as close to the devi
as possible, the loop area is kept as small as possible, thereby
reducing the possibility of power-supply spikes. Digital supplie
of high resolution converters should be decoupled with 10 µF
tantalum and 0.1 µF ceramic to the digital ground plane. VDD
and VSS supplies of amplifie
10 µF and 0.1 µF to AGND.
All logic chips should be decoupled with 0.1µF to digital
ground to decoup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com