Electronic Components Datasheet Search
  English  ▼

X  

AD5535 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5535
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5535 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5535 Datasheet HTML 7Page - Analog Devices AD5535 Datasheet HTML 8Page - Analog Devices AD5535 Datasheet HTML 9Page - Analog Devices AD5535 Datasheet HTML 10Page - Analog Devices AD5535 Datasheet HTML 11Page - Analog Devices AD5535 Datasheet HTML 12Page - Analog Devices AD5535 Datasheet HTML 13Page - Analog Devices AD5535 Datasheet HTML 14Page - Analog Devices AD5535 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
AD5535
Rev. PrE | Page 11 of 16
FUNCTIONAL DESCRIPTION
The AD5535 consists of 32 14-bit DACs with 200 V high voltage
amplifiers in a single 15 mm × 15 mm CSP-BGA package. The
output voltage range is programmable via the REFIN pin.
Output range is 0 V to 50 V with REFIN = 1 V, and 0 V to 200 V
with REFIN = 4 V. Communication to the device is through a
serial interface operating at clock rates of up to 30 MHz and is
compatible with DSP and microcontroller interface standards. A
5-bit address and a 14-bit data-word are loaded into the
AD5535 input register via the serial interface. The channel
address is decoded, and the data-word is converted into an
analog output voltage for this channel.
At power-on, all the DAC registers are loaded with 0s.
DIGITAL-TO-ANALOG SECTION
The architecture of each DAC channel consists of a resistor
string DAC followed by an output buffer amplifier operating
with a nominal gain of 50. The voltage at the REF_IN pin
provides the reference voltage for the corresponding DAC. The
input coding to the DAC is straight binary and the ideal DAC
output voltage is given by
14
_
2
50
D
V
V
IN
REF
OUT
×
×
=
where D is the decimal equivalent of the binary code, which is
loaded to the DAC register (0 to 16,383).
The output buffer amplifier is specified to drive a load of 1 MΩ
and 200 pF. The linear output voltage range for the output
amplifier is from 7 V to VPP − 10V. The amplifier output band-
width is typically 5 kHz, and is capable of sourcing 700 µA and
sinking 2.8mA. Settling time for a full-scale step is typically
30 µs with no load and 110 µs with a 200 pF load.
RESET FUNCTION
The reset function on the AD5535 can be used to reset all nodes
on the device to their power-on reset condition. All the DACs
are loaded with 0s and all registers are cleared. The reset
function is implemented by taking the RESET pin low.
SERIAL INTERFACE
The serial interface is controlled by three pins:
• SYNC is the frame synchronization pin for the serial
interface.
• SCLK is the serial clock input. This pin operates at clock
speeds of up to 30 MHz.
• D
IN
is the serial data input. Data must be valid on the falling
edge of SCLK.
To update a single DAC channel, a 19-bit data-word is written
to the AD5535 input register.
A4 to A0 Bits
These bits can address any one of the 32 channels. A4 is the
MSB of the address; A0 is the LSB.
DB13 to DB0 Bits
These bits are used to write a 14-bit word into the addressed
DAC register.
Figure 2 is the timing diagram for a serial write to the AD5535.
The serial interface works with both a continuous and a discon-
tinuous serial clock. The first falling edge of SYNC resets a
counter that counts the number of serial clocks to ensure that
the correct number of bits are shifted into the serial shift
register. Any further edges on SYNC are ignored until the
correct number of bits are shifted in. Once 19 bits have been
shifted in, the SCLK is ignored. For another serial transfer to
take place, the counter must be reset by the falling edge of
SYNC. The user must allow 200 ns (minimum) between
successive writes.
A4
A3
A2
A1
A0
DB13–DB0
MSB
LSB
Figure 10. Serial Data Format
MICROPROCESSOR INTERFACING
AD5535 to ADSP-21xx Interface
The ADSP-21xx family of DSPs is easily interfaced to the
AD5535 without the need for extra logic. A data transfer is
initiated by writing a word to the TX register after the SPORT
has been enabled. In a write sequence, data is clocked out on
each rising edge of the DSP’s serial clock and clocked into the
AD5535 on the falling edge of its SCLK. The easiest way to
provide the 19-bit data-word required by the AD5535, is to
transmit two 10-bit data-words from the ADSP-21xx. Ensure
that the data is positioned correctly in the TX register so that
the first 19 bits transmitted contain valid data.
Set up the SPORT control register as follows:
TFSW = 1, Alternate Framing
INVTFS = 1, Active Low Frame Signal
DTYPE = 00, Right Justify Data
ISCLK = 1, Internal Serial Clock
TFSR = 1, Frame Every Word
ITFS = 1, Internal Framing Signal
SLEN = 1001, 10-Bit Data Word
Figure 11 shows the connection diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com