Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Data Sheet
AD3551R
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 9 of 60
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
AVDD to AGND
−0.3 V to +6 V
DVDD to DGND
−0.3 V to +2.1 V
AGND to DGND
−0.3 V to +0.3 V
VLOGIC to DGND
−0.3 V to DVDD + 0.3 V or
+2.1 V (whichever is less)
VREF to AGND
−0.3 V to +3 V
RFBx_y to AGND
−18 V to +18 V
Digital Input Voltage to DGND
−0.3 V to VLOGIC + 0.3 V or +2.1 V
(whichever is less)
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature (TJ)
125°C
Power Dissipation
(Maximum TJ − TA)/θJA
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operation environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance.
θJC is the junction to case thermal resistance. Both θJA and θJC
are defined by the JEDEC JESD51 standard, and their values are
dependent on the test board and test environment.
Table 6. Thermal Resistance1
Package Type
θJA
θJC
Unit
CP-32-30
43.5
23.6
°C/W
1 Simulation values on JEDEC 2S2P board with 9 thermal vias, still air (0 m/sec
airflow).
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com