Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 30 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices AD8065 Datasheet HTML 29Page - Analog Devices AD8065 Datasheet HTML 30Page - Analog Devices AD8065 Datasheet HTML 31Page - Analog Devices AD8065 Datasheet HTML 32Page - Analog Devices AD8065 Datasheet HTML 33Page - Analog Devices AD8065 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Data Sheet
AD3551R
THEORY OF OPERATION
analog.com
Rev. 0 | 30 of 60
SERIAL INTERFACE
The AD3551R implements a versatile serial interface that is com-
patible with several SPI modes. When the QSPI pin is tied low,
the interface is configured in single SPI (classic SPI) mode by
default and can be switched to dual SPI mode by acting on the
configuration registers. When the QSPI pin is pulled high, the
interface is configured in quad SPI mode. DDR can be enabled in
any of the modes to duplicate the transfer speed in the data phase.
Clock polarity (CPOL) can be 1 or 0, but clock phase (CPHA) must
be always 0. These combinations correspond to SPI Mode 0 and
Mode 3, which are applicable when the SPI interface is in single
data rate (SDR) mode.
Single SPI (Classic) Mode
In single SPI (classic) mode, the SDI/SDIO0 and SDO/SDIO1 data
lines are unidirectional. The SDI signal behaves as an input to
transfer data from master to slave and the SDO signal behaves as
an output to transfer data from slave to master, as shown in Figure
79. Single SPI (classic) mode is compatible with SPI Mode 0 and
Mode 3, as well as with completely synchronous interfaces, such
as synchronous serial port (SPORT™). See Figure 2 for a timing
diagram of a typical write sequence. See the AN-1248 Application
Note, SPI Interface, for more information about the classic SPI
mode.
Figure 79. Single SPI (Classic SPI) Connection
Dual SPI Mode
In dual SPI mode, the SDI/SDIO0 and SDO/SDIO1 data lines are
bidirectional, as shown in Figure 80. During the data phase, the
R/W bit of the instruction phase defines the direction of the data
lines. During the instruction phase, the data lines are always config-
ured as inputs. In dual SPI mode, consecutive bits are serialized in
groups of two, as shown in Figure 81.
Figure 80. Dual SPI Connection
Figure 81. Dual SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com