Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8065
Description  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 3 Page - Analog Devices

  AD8065 Datasheet HTML 1Page - Analog Devices AD8065 Datasheet HTML 2Page - Analog Devices AD8065 Datasheet HTML 3Page - Analog Devices AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
Data Sheet
AD3551R
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 60
ELECTRICAL CHARACTERISTICS
AVDD = 5.0 V ± 5%, DVDD = 1.8 V ± 5%, 1.1 V ≤ VLOGIC ≤ 1.9 V, VREF = 2.5 V, −40°C ≤ TA ≤ +105°C, output amplifier AD8675, unless otherwise
noted.
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
16
Bits
Relative Accuracy (INL)
−2
+2
LSB
5 V range only
−4
+4
LSB
All other ranges2
Differential Nonlinearity (DNL)
−1
+1
LSB
Precision mode: −40°C to +105°C,
fast mode: 0°C to 85°C
−2
+2
LSB
Fast mode: −40°C to +105°C
-2
+2
LSB
0 V to 2.5 V range, fast or precision modes2
Offset Error
0.03
%FSR
Midscale, 25°C
Offset Error Drift2
2
8
ppm FSR/°C
0 V to 5 V and 0 V to 10 V ranges
4
16
ppm FSR/°C
All other ranges
Full-Scale Error
0.04
%FSR
25°C
Full-Scale Error Drift 2
1
5
ppm FSR/°C
0 V to 5 V and 0 V to 10 V ranges
4
12
ppm FSR/°C
All other ranges
Zero-Scale Error3
0.05
%FSR
25°C
Zero-Scale Error Drift2
3.5
8
ppm FSR/°C
0 V to 5 V and 0 V to 10 V ranges
7
16
ppm FSR/°C
All other ranges
Total Unadjusted Error (TUE)
−0.5
+0.5
%FSR
DC Power Supply Rejection Ratio (PSRR)
0.6
mV/V
DAC code = midscale
OUTPUT CHARACTERISTICS
Output Current
IOUTx
1.6
mA
Absolute value
REFERENCE OUTPUT
Output Voltage
2.492
2.5
2.508
V
At 25°C, over lifetime
Voltage Reference Temperature
Coefficient (TC)4
3
10
ppm/°C
Output Impedance
50
mΩ
Output Voltage Noise
2.7
µV rms
0.1 Hz to 10 Hz
Output Voltage Noise Density
173
nV/
Hz f=1kHz,noloadonVREF
164
nV/
Hz f=10kHz,noloadonVREF
Capacitive Load Stability2
10
µF
Load Regulation
50
µV/mA
At 25°C
Output Current Load Capability
±8
mA
Line Regulation
135
µV/V
At 25°C
REFERENCE INPUT
Reference Current
1
μA
Reference Input Range2
VREF
2.4
2.5
2.6
V
Reference Input Impedance
3
MΩ
LOGIC INPUTS
Input Current
IIN
−1
+1
µA
Per pin
Input Low Voltage
VINL
0.35 ×
VLOGIC
V
Input High Voltage
VINH
0.65 ×
VLOGIC
V
Pin Capacitance
CIN
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com