Electronic Components Datasheet Search
  English  ▼

X  

PBO-10C Datasheet(PDF) 2 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 2 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 01/21/2022
│ page 2 of 8
CUI Inc
│ SERIES: PBO-10C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
100
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
0.30
0.18
A
A
inrush current
at 115 Vac
at 277 Vac
15
30
A
A
no load power consumption
at 230 Vac
3.3 & 5 Vdc output models
9, 12 & 15 Vdc output models
24 Vdc output models
0.10
0.12
0.15
W
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
1,500
1,500
1,000
680
470
330
μF
μF
μF
μF
μF
μF
initial set point accuracy
3.3 Vdc output
other outputs
±3
±2
%
%
line regulation
at rated load
±1
%
load regulation
0% ~ 100% load
±1.5
%
temperature coefficient
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
output voltage clamp & hiccup
3.3 & 5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
9.0
15.0
16.0
21.0
32.0
Vdc
Vdc
Vdc
Vdc
Vdc
over current protection
auto recovery
110
%
short circuit protection
continuous, auto recovery, hiccup
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute, leakage current <5mA
3,000
Vac
safety approvals
certified to
62368: IEC/EN/UL
designed to meet 61558: IEC, EN
designed to meet 60335: IEC, EN
safety class
class II
EMI/EMC
CISPR32/EN55032 CLASS A (Recommended circuit 1, 4)
CISPR32/EN55032 CLASS B (Recommended circuit 2, 3)
ESD
IEC/EN 61000-4-2 Contact ±6KV perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m perf. Criteria A
EFT/burst
IEC/EN61000-4-4 ±2KV (Recommended circuit 1, 2) perf. Criteria B
IEC/EN61000-4-4 ±4KV (Recommended circuit 3, 4) perf. Criteria B
surge
IEC/EN61000-4-5 line to line ±1KV (Recommended circuit 1, 2) perf. Criteria B
IEC/EN61000-4-5 line to line±2KV (Recommended circuit 3, 4) perf. Criteria B
conducted immunity
IEC/EN61000-4-6 10Vr.m.s perf. Criteria A
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com