Electronic Components Datasheet Search
  English  ▼

X  

PBO-10C Datasheet(PDF) 1 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 1 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 01/21/2022
page 1 of 8
SERIES: PBO-10C
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise¹
efficiency²
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
PBO-10C-3
3.3
2.0
6.6
150
73.0
PBO-10C-5
5.0
2.0
10.0
150
77.0
PBO-10C-9
9.0
1.1
10.0
150
80.0
PBO-10C-12
12.0
0.83
10.0
150
82.0
PBO-10C-15
15.0
0.67
10.0
150
82.0
PBO-10C-24
24.0
0.42
10.0
150
83.0
Note:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, see Application Circuit.
2. At 230 Vac input.
FEATURES
• wide input range (85 ~ 305 Vac)
• wide operating temperature range (-40 to +85 C)
• IEC/EN/UL 62368 certified
• designed to meet 61558 & 60335 safety standards
• 1,000,000 hour MTBF
• flexible implementations to power a wide array of applications
PART NUMBER KEY
Base Number
PBO-10C - XX
Output Voltage
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - PBO-10C

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C-12 CUI-PBO-10C-12 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C-15 CUI-PBO-10C-15 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C-24 CUI-PBO-10C-24 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C-3 CUI-PBO-10C-3 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
More results

Similar Description - PBO-10C

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-20D CUI-PSK-20D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
VGS-600 CUI-VGS-600 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
09/09/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com