Electronic Components Datasheet Search
  English  ▼

X  

PBO-10C Datasheet(PDF) 4 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 4 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
cui.com
date 01/21/2022
│ page 4 of 8
CUI Inc
│ SERIES: PBO-10C │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
units: mm [inch]
general tolerance: ±1.00 [±0.039]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
32.00 x 17.20 x 15.05 (1.259 x 0.677 x 0.592 inches)
mm
weight
8.2
g
cooling
free air convection
PIN CONNECTIONS
PIN
Function
1
AC (N)
2
AC (L)
3
+V (cap)
4
-V (cap)
5
-Vo
6
+Vo
Additional Resources:
Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com