Electronic Components Datasheet Search
  English  ▼

X  

PBO-10C Datasheet(PDF) 7 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 7 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
cui.com
date 01/21/2022
│ page 7 of 8
CUI Inc
│ SERIES: PBO-10C │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION DESIGN REFERENCE (CONTINUED)
Circuit 4
Table 4
Circuit 3
Table 3
Application enviromental
Ambient temperature range
Imunity Class
Emissions Class
Indoor industrial
-25°C ~ 55°C
Class IV
Class B
Component
Recommended value
FUSE (required)
2A/300V, slow-blow
MOV
S14K350
CY1
1.0nF/400Vac
CX
0.1µF/310Vac
LDM
2.2mH/ 4Ω/0.24A
R1 (wire-wound resistor, required)
6.8Ω/3W
Note:
1. Many safety standards require a bleeder resistor no greater than 3.8MΩ in parallel with the X-capacitor.
2. R1 must be a wire-wound resistor; do not use a chip or carbon film resistor.
Application enviromental
Ambient temperature range
Imunity Class
Emissions Class
Oudoor general enviroment
-40°C ~ 85°C
Class IV
Class A
Component
Recommended value
FUSE (required)
2A/300V, slow-blow
MOV
S14K350
LDM
2.2mH/ 4Ω/0.24A
R1 (wire-wound resistor, required)
6.8Ω/3W
Note: R1 must be a wire-wound resistor; do not use a chip or carbon film resistor.
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com