Electronic Components Datasheet Search
  English  ▼

X  

PBO-10C Datasheet(PDF) 3 Page - CUI INC

Part # PBO-10C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10C Datasheet(HTML) 3 Page - CUI INC

  PBO-10C Datasheet HTML 1Page - CUI INC PBO-10C Datasheet HTML 2Page - CUI INC PBO-10C Datasheet HTML 3Page - CUI INC PBO-10C Datasheet HTML 4Page - CUI INC PBO-10C Datasheet HTML 5Page - CUI INC PBO-10C Datasheet HTML 6Page - CUI INC PBO-10C Datasheet HTML 7Page - CUI INC PBO-10C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
date 01/21/2022
│ page 3 of 8
CUI Inc
│ SERIES: PBO-10C │ DESCRIPTION: AC-DC POWER SUPPLY
parameter
conditions/description
min
typ
max
units
voltage dips and interruptions
IEC/EN61000-4-11 0%, 70% perf. Criteria B
MTBF
as per MIL-HDBK-217F at 25 °C
1,000,000
hours
RoHS
yes
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-40
105
°C
storage humidity
95
%
SAFETY & COMPLIANCE (CONTINUED)
DERATING CURVES
ENVIROMENTAL
EFFICIENCY CURVES
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com