Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products MAX745C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VREF / 2, the voltage limit is 4.2V. Table 1 defines the
battery cell count.
The battery limit voltage is set by the following:
(
)
ADJ
REF
BATT
REF
1
V
V
2
V
= cell count x V
9.523

−


+



Solving for VADJ, we get:
BATT
ADJ
REF
9.523 V
V
=
9.023 V
(Cell Count)
−
Set VADJ by choosing a value for R11 (typically 100kΩ),
and determine R3 by:
R3 = R11 x [(VREF / VADJ) - 1] (Figure 1)
where VREF = 4.2V and cell count is 1, 2, 3, 4 (Table 1).
The voltage-regulation loop is compensated at the CCV
pin. Typically, a series-resistor-capacitor combination can
be used to form a pole-zero doublet. The pole introduced
rolls off the gain starting at low frequencies. The zero of
the doublet provides sufficient AC gain at mid-frequencies.
The output capacitor (C1) rolls off the mid-frequency gain
to below unity. This guarantees stability before encoun-
tering the zero introduced by the C1’s equivalent series
resistance (ESR). The GMV amplifier’s output is internally
clamped to between one-fourth and three-fourths of the
voltage at REF.
Current Control
The charging current is set by a combination of the
current-sense resistor value and the SETI pin voltage.
The current-sense amplifier measures the voltage across
the current-sense resistor, between CS and BATT. The
current-sense amplifier’s gain is 6. The voltage on SETI is
buffered and then divided by 4. This voltage is compared
to the current-sense amplifier’s output. Therefore, full-
scale current is accomplished by connecting SETI to REF.
The full-scale charging current (IFS) is set by the following:
IFS = 185mV / R1 (Figure 1)
Figure 1. Standard Application Circuit
Table 1. Cell-Count Programming Table
CELL0
CELL1
CELL COUNT
GND
GND
1
VL
GND
2
GND
VL
3
VL
VL
4
MAX745
Switch-Mode Lithium-Ion
Battery-Charger
www.maximintegrated.com
Maxim Integrated │ 6
REF
(UP TO 24V)
VL
DCIN
VIN
BST
DHI
DLO
LX
PGND
CS
BATT
THM 1
VADJ
SETI
CCI
C3
47nF
R11
100kΩ
1%
R3
100kΩ
1%
R16
D2
C6
0.1µF
C7
0.1µF
M1A
1/2 IRF7303
M1B
D6
MBRS
340T3
D1
MBRS
340T3
R1
0.2Ω
C1
68µF
L1
22µH
1/2 IRF7303
IN4148
R12
R15
10kΩ
C4
0.1µF
C5
4.7µF
R2
C2, 0.1µF 10kΩ
GND
IBAT
CCV
MAX745
BATTERY
THM/SHDN
STATUS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com