Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products MAX745C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(TA = +25°C, VDCIN = 18V, VBATT = 4.2V, CELL0 = CELL1 = GND, CVL = 4.7μF CREF = 0.1μF. Circuit of Figure 1, unless otherwise
noted.)
MAX745
Switch-Mode Lithium-Ion
Battery-Charger
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics
4.5
0
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
BATTERY VOLTAGE
vs. CHARGING CURRENT
0.5
3.5
CHARGING CURRENT (A)
2.5
1.5
4.0
3.0
2.0
1.0
R1 = 0.2Ω
R16 = SHORT
R12 = OPEN CIRCUIT
4.205
4.195
0
25
50
REFERENCE VOLTAGE
vs. TEMPERATURE
4.197
4.203
TEMPERATURE (°C)
75
100
4.201
4.199
4.204
4.196
4.202
4.200
4.198
5.50
0
0
5
10
25
VL LOAD REGULATION
5.10
5.40
VL OUTPUT CURRENT (mA)
15
20
5.30
5.20
5.45
5.05
5.35
5.25
5.15
200
0
0
0.5
1.5
4.0
CURRENT-SENSE VOLTAGE
vs. SETI VOLTAGE
40
160
SETI VOLTAGE (V)
1.0
2.0 2.5 3.0 3.5
120
80
180
20
140
100
60
R1 = 0.2Ω
4.45
3.95
0 0.5 1.0
2.0
4.5
VOLTAGE LIMIT
vs. VADJ VOLTAGE
4.05
4.35
VADJ VOLTAGE (V)
1.5
2.5 3.0 3.5 4.0
4.25
4.15
4.40
4.00
4.30
4.20
4.10
4.25
4.15
0
500
1000
3000
REFERENCE LOAD REGULATION
4.17
4.23
REFERENCE CURRENT (µA)
1500 2000 2500
4.21
4.19
4.24
4.16
4.22
4.20
4.18



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com