Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products MAX745C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MOSFET Drivers
The MAX745 drives external N-channel MOSFETs to
switch the input source generating the battery voltage or
current. Since the high-side N-channel MOSFET’s gate
must be driven to a voltage higher than the input source
voltage, a charge pump is used to generate such a volt-
age. The capacitor (C7) charges through D2 to approxi-
mately 5V when the synchronous rectifier (M1B) turns on
(Figure 1). Since one side of C7 is connected to LX (the
source of M1A), the high-side driver (DHI) drives the gate
up to the voltage at BST, which is greater than the input
voltage while the high-side MOSFET is on.
The synchronous rectifier (M1B) behaves like a diode but
has a smaller voltage drop, improving efficiency. A small
dead time is added between the time when the high-side
MOSFET is turned off and when the synchronous rectifier
is turned on, and vice versa. This prevents crowbar cur-
rents during switching transitions. Place a Schottky rectifier
from LX to ground (D1, across M1B’s drain and source) to
prevent the synchronous rectifier’s body diode from con-
ducting during the dead time. The body diode typically has
slower switching-recovery times, so allowing it to conduct
degrades efficiency. D1 can be omitted if efficiency is not
a concern, but the resulting increased power dissipation in
the synchronous rectifier must be considered.
Since the BST capacitor is charged while the synchro-
nous rectifier is on, the synchronous rectifier may not be
replaced by a rectifier. The BST capacitor will not fully
charge without the synchronous rectifier, leaving the
high-side MOSFET with insufficient gate drive to turn on.
However, the synchronous rectifier can be replaced with
a small MOSFET (such as a 2N7002) to guarantee that
the BST capacitor is allowed to charge. In this case, the
majority of the high charging currents are carried by D1,
and not by the synchronous rectifier.
Internal Regulator and Reference
The MAX745 uses an internal low-dropout linear regula-
tor to create a 5.4V power supply (VL), which powers its
internal circuitry. The VL regulator can supply up to 25mA.
Since 4mA of this current powers the internal circuitry,
the remaining 21mA can be used for external circuitry.
MOSFET gate-drive current comes from VL, which must
be considered when drawing current for other functions.
To estimate the current required to drive the MOSFETs,
multiply the sum of the MOSFET gate charges by the
switching frequency (typically 300kHz). Bypass VL with a
4.7µF capacitor to ensure stability.
The MAX745 internal 4.2V reference voltage must be
bypassed with a 0.1µF or greater capacitor.
Minimum Input Voltage
The input voltage to the charger circuit must be greater
than the maximum battery voltage by approximately 2V
so the charger can regulate the voltage properly. The
input voltage can have a large AC-ripple component when
operating from a wall cube. The voltage at the low point
of the ripple waveform must still be approximately 2V
greater than the maximum battery voltage.
Using components as indicated in Figure 1, the minimum
input voltage can be determined by the following formula:
BATT
D6
CHG
DS(ON)
L
IN
V
V
I
(R
R
R1
V
0.89

+
+
+
+

×
where: VIN is the input voltage;
VD6 is the voltage drop across D6
(typically 0.4V to 0.5V);
ICHG is the charging current;
RDS(ON) is the high-side
MOSFET M1A’s on-resistance;
RL is the inductor’s series resistance;
R1 is the current-sense resistor R1’s value.
MAX745
Switch-Mode Lithium-Ion
Battery-Charger
www.maximintegrated.com
Maxim Integrated │ 8
Chip Information
TRANSISTOR COUNT: 1695
SUBSTRATE CONNECTED TO GND
18
17
16
15
14
13
19
20
1
2
3
4
5
6
7
8
TOP VIEW
12
11
9
10
BST
LX
DHI
DLO
PGND
CS
BATT
STATUS
CELL0
CELL1
CCV
VL
DCIN
IBAT
VADJ
REF
THM/SHDN
CCI
GND
SETI
SSOP
MAX745
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com