Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products MAX745C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
To set currents below full scale without changing R1,
adjust the voltage at SETI according to the following
formula:
ICHG = IFS (VSETI / VREF)
A capacitor at CCI sets the current-feedback loop’s
dominant pole. While the current is in regulation, CCV
voltage is clamped to within 80mV of the CCI voltage.
This prevents the battery voltage from overshooting when
the voltage setting is changed. The converse is true when
the voltage is in regulation and the current setting is
changed. Since the linear range of CCI or CCV is about
2V (1.5V to 3.5V), the 80mV clamp results in negligible
overshoot when the loop switches from voltage regulation
to current regulation, or vice versa.
Monitoring Charge Current
The battery-charging current can be externally monitored
by placing a scaling resistor (RIBAT) between IBAT and
GND. IBAT is the output of a voltage-controlled current
source, with output current given by:
IBAT
SENSE
0.9 A
I
=
x V
mV
µ
where VSENSE is the voltage across the current-sense
resistor (in millivolts) given by:
VSENSE = VCS - VBATT = ICHG x R1
The voltage across RIBAT is then given by:
VIBAT = 0.9 x 10-3 AV x ICHG x R1 x RIBAT
RIBAT must be chosen to limit VIBAT to voltages below
2V for the maximum charging current. Connect IBAT to
GND if unused.
PWM Controller
The battery voltage or current is controlled by a current-
mode, PWM DC/DC converter controller. This controller
drives two external N-channel MOSFETs, which control
power from the input source. The controller sets the
switched voltages pulse width so that it supplies the
desired voltage or current to the battery. Total component
cost is reduced by using a dual, N-channel MOSFET.
The heart of the PWM controller is a multi-input com-
parator. This comparator sums three input signals to
determine the switched signal’s pulse width, setting the
battery voltage or current. The three signals are the
current-sense amplifier’s output, the GMV or GMI error
amplifier’s output, and a slope-compensation signal that
ensures that the current-control loop is stable.
The PWM comparator compares the current-sense
amplifier’s output to the lower output voltage of either the
GMV or GMI amplifiers (the error voltage). This current-
mode feedback reduces the effect of the inductor on the
output filter LC formed by the output inductor (L1) and C1
(Figure 1). This makes stabilizing the circuit much easier,
since the output filter changes to a first-order RC from a
complex, second-order RLC.
Figure 2. Functional Diagram
MAX745
Switch-Mode Lithium-Ion
Battery-Charger
www.maximintegrated.com
Maxim Integrated │ 7
BATT
1/4
IBAT
DCIN
CURRENT
SENSE
AV = 6
ON
CS
SETI
CCI
VADJ
CCV
CELL0
VL
BST
VL
STATUS
REF
DHI
LX
DLO
PGND
GND
GMV
GMI
CELL1
PWM
LOGIC
5.4V
REG
4.2
REF
CELL
LOGIC
CLAMP
REF
2
THM/SHDN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com