Electronic Components Datasheet Search
  English  ▼

X  

MAX745C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX745C/D
Description  Switch-Mode Lithium-Ion Battery-Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX745C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX745C/D Datasheet HTML 1Page - Maxim Integrated Products MAX745C/D Datasheet HTML 2Page - Maxim Integrated Products MAX745C/D Datasheet HTML 3Page - Maxim Integrated Products MAX745C/D Datasheet HTML 4Page - Maxim Integrated Products MAX745C/D Datasheet HTML 5Page - Maxim Integrated Products MAX745C/D Datasheet HTML 6Page - Maxim Integrated Products MAX745C/D Datasheet HTML 7Page - Maxim Integrated Products MAX745C/D Datasheet HTML 8Page - Maxim Integrated Products MAX745C/D Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX745 provides all functions necessary for charging
lithium-ion (Li+) battery packs. It provides a regulated
charging current of up to 4A without getting hot, and a
regulated voltage with only ±0.75% total error at the battery
terminals. It uses low-cost, 1% resistors to set the output
voltage, and a low-cost N-channel MOSFET as the power
switch.
The MAX745 regulates the voltage set point and charging
current using two loops that work together to transition
smoothly between voltage and current regulation. The
per-cell battery voltage regulation limit is set between 4V
and 4.4V using standard 1% resistors, and then the number
of cells is set from 1 to 4 by pin-strapping. Total output
voltage error is less than ±0.75%.
For a similar device with an SMBus™ microcontroller
interface and the ability to charge NiCd and NiMH cells,
refer to the MAX1647 and MAX1648. For a low-cost Li+
charger using a linear-regulator control scheme, refer to
the MAX846A.
Applications
● Li+ Battery Packs
● Desktop Cradle Chargers
● Cellular Phones
● Notebook Computers
● Hand-Held Instruments
Features
● Charges 1 to 4 Li+ Battery Cells
● ±0.75% Voltage-Regulation Accuracy
Using 1% Resistors
● Provides up to 4A without Excessive Heating
● 90% Efficient
● Uses Low-Cost Set Resistors and N-Channel Switch
● Up to 24V Input
● Up to 18V Maximum Battery Voltage
● 300kHz Pulse-Width Modulated (PWM) Operation
• Low-Noise, Small Components
● Stand-Alone Operation—No Microcontroller Needed
SMBus is a trademark of Intel Corp.
19-1182; Rev 4; 6/19
Pin Configuration appears at end of data sheet.
*Dice are tested at TA = +25°C.
PART
TEMP RANGE
PIN-PACKAGE
MAX745C/D
0°C to +70°C
Dice*
MAX745EAP
-40°C to +85°C
20 SSOP
MAX745
Switch-Mode Lithium-Ion
Battery-Charger
Ordering Information
(UP TO 24V)
REF
DCIN
VIN
BST
VL
DHI
DLO
LX
CS
BATT
CELL
COUNT
SELECT
SET PER
CELL VOLTAGE
WITH 1% RESISTORS
ON
OFF
VADJ
STATUS
SETI
CELL0
CELL1
CCI
PGND
GND IBAT
CCV
N
N
ICHARGE
RSENSE
VOUT
1–4 Li+ CELLS
(UP TO 18V)
MAX745
THM/SHDN
Typical Operating Circuit
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX745C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745C/D MAXIM-MAX745C/D Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
More results

Similar Description - MAX745C/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
Switch Mode Lithium-Ion Battery Charger Controller
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
Lithium-Ion/Polymer Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_V01 Datasheet
1Mb / 19P
Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com