Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8465 Datasheet HTML 4Page - Analog Devices AD8465 Datasheet HTML 5Page - Analog Devices AD8465 Datasheet HTML 6Page - Analog Devices AD8465 Datasheet HTML 7Page - Analog Devices AD8465 Datasheet HTML 8Page - Analog Devices AD8465 Datasheet HTML 9Page - Analog Devices AD8465 Datasheet HTML 10Page - Analog Devices AD8465 Datasheet HTML 11Page - Analog Devices AD8465 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC6563
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Tilt Control
Output Tilt Control
VIN vs IIN Over Temperature
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
VOUTDIFF vs IIN Over Temperature
RL = 50Ω TO GROUND
ON EACH OUTPUT
|| 100Ω DIFF
TERM AND TERMBAR
DISCONNECTED
ADJ = 11
OUT VOLTAGE
OUTBAR VOLTAGE
OUT CURRENT
OUTBAR CURRENT
TILT PIN VOLTAGE (V)
0
0.7
1.3
2.0
2.6
3.3
0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
6563 G16
RL = 100Ω DIFF
EXTERNAL
VCM = 1.5V
TERM AND TERMBAR
TIED TO OUT AND
OUTBAR RESPECTIVELY
TILT PIN VOLTAGE (V)
0
0.7
1.3
2.0
2.6
3.3
0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
ADJ = 11
OUT VOLTAGE
OUTBAR VOLTAGE
OUT CURRENT
OUTBAR CURRENT
6563 G17
TILT = 3.3V
IIN (µA)
–100
–80
–60
–40
–20
0
20
300
400
500
600
700
800
900
1000
6563 G18
125°C
85°C
25°C
–40°C
TILT = 0V
ADJ = 00
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–400
–300
–200
–100
0
100
200
300
6563 G19
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–550
–440
–330
–220
–110
0
110
220
330
440
550
TILT = 0V
ADJ = 01
6563 G20
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
TILT = 0V
ADJ = 10
6563 G21
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
TILT = 0V
ADJ = 11
6563 G22
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–500
–375
–250
–125
0
125
250
TILT = 3.3V
ADJ = 00
6563 G23
125°C
85°C
25°C
–40°C
IIN (µA)
–100 –80 –60 –40 –20
0
20
40
–1200
–900
–600
–300
0
300
600
TILT = 3.3V
ADJ = 01
6563 G24
125°C
85°C
25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com