Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8465 Datasheet HTML 11Page - Analog Devices AD8465 Datasheet HTML 12Page - Analog Devices AD8465 Datasheet HTML 13Page - Analog Devices AD8465 Datasheet HTML 14Page - Analog Devices AD8465 Datasheet HTML 15Page - Analog Devices AD8465 Datasheet HTML 16Page - Analog Devices AD8465 Datasheet HTML 17Page - Analog Devices AD8465 Datasheet HTML 18Page - Analog Devices AD8465 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
LTC6563
15
Rev. 0
For more information www.analog.com
Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
High Side Clamp vs HI Pin Voltage
Low Side Clamp vs HI Pin Voltage
LIMITED BY OUTPUT
LOAD CURRENT
HI PIN VOLTAGE (V)
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3
1.5
1.6
1.7
1.8
1.9
2.0
0
0.1
0.2
0.3
0.4
0.5
RL_EXT = 100
VCM = 1.5V
ADJ = 11
6563 G77
125°C
85°C
25°C
–40°C
DOWNWARD SWING CLAMP = 2VCM – VHI
HI PIN VOLTAGE (V)
1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3
1.0
1.1
1.2
1.3
1.4
1.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
LIMITED BY OUTPUT
LOAD CURRENT
RL_EXT = 100
VCM = 1.5V
ADJ = 11
6563 G78
125°C
85°C
25°C
–40°C
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Electrical Characterization Test Circuit
CM
1.5V
50
50
R
R
V1
V
2k
2k
2k
2k
V2
V
0.1µF
OMUX
OUT
OUT
TERM
TERM
CM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
×2
×1
OUTPUT
CLAMPS
LO
HI
BIAS
CTRL
50
50
6563 F01
VCC
CM CONROL
LOOP
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
CHSEL0
CHSEL1
IO CTRL
VCC
VCC
VCC
+–
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com