Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8465 Datasheet HTML 18Page - Analog Devices AD8465 Datasheet HTML 19Page - Analog Devices AD8465 Datasheet HTML 20Page - Analog Devices AD8465 Datasheet HTML 21Page - Analog Devices AD8465 Datasheet HTML 22Page - Analog Devices AD8465 Datasheet HTML 23Page - Analog Devices AD8465 Datasheet HTML 24Page - Analog Devices AD8465 Datasheet HTML 25Page - Analog Devices AD8465 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC6563
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
10
10
10
10
10
10
2pF
2pF
2pF
AD9094
VCM
6563 F04
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH1
CH2
CH3
CH4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
U1
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH5
CH6
CH7
CH8
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
U2
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH9
CH10
CH11
CH12
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
U3
VCC
IO CTRL
OFFSET DAC
IO CTRL
HI CTRL
IO CTRL
0.1µF
IN1
IN2
IN3
IN4
CH13
CH14
CH15
CH16
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
OMUX
OUT
OUT
TERM
TERM
CM
CHSEL0
PWRMD
LTC6563
LTC6563
LTC6563
LTC6563
NOTE: CONTROLLER DEVICE (U1) PWRMD PIN HAS TO BE TIED HIGH
TO ALLOW CM CONTROL. TERM AND TERMBAR SHOULD ONLY BE
CONNECTED TO THE OUTPUTS ON THE CONTROLLER DEVICE (U1).
OUTPUT
STAGE
TILT
CHSEL1
ADJ0
ADJ1
×2
×1
OUTPUT CLAMPS
LO
HI
BIAS CTRL
CM
CTRL
50
50
+
–
U4
Figure 6. Typical Application with Multiplexed Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com