Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8465 Datasheet HTML 20Page - Analog Devices AD8465 Datasheet HTML 21Page - Analog Devices AD8465 Datasheet HTML 22Page - Analog Devices AD8465 Datasheet HTML 23Page - Analog Devices AD8465 Datasheet HTML 24Page - Analog Devices AD8465 Datasheet HTML 25Page - Analog Devices AD8465 Datasheet HTML 26Page - Analog Devices AD8465 Datasheet HTML 27Page - Analog Devices AD8465 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTC6563
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In order to simplify the analysis, an intuitive way to look at
the output loading is to examine its equivalent half-circuit
as shown in Figure 9. With the half-circuit method, any
impedance that is shared between the two halves appears
as double its original value (e.g. RCM appears as 2 • RCM
below).
In Figure 8, the external loading by the ADC and the cable
termination network of R1, and R2 has no effect on the
CM loading of the LTC6563. The range of output CM volt-
age will be as follows:
VCMO = IO • (50Ω + 2RCM)
(1)
For the ADJ setting of 00 where Io is 7mA (see Table 1
and Table 5) here is the computation of min VCMO possible
(corresponding to RCM = 2Ω):
VCMO (minimum) = 7mA • (50Ω + 2 • 2Ω) = 380mV (2)
At the other extreme of VCMO when RCM opens, the output
CM voltage will only be limited to the LTC6563 output
compliance voltage which is about 1V below VCC (or about
2.3V with VCC = 3.3V).
Naturally, if the ADJ setting is changed, the VCMO range
will vary accordingly. Table 5 shows the minimum com-
puted output CM voltage, output full scale swing, and TIA
gain (RT) for various ADJ settings applied to the circuit
in Figure 7.
For a higher Transimpedance gain (RT) or higher ADC FS
swing, higher ADJ output current settings can be chosen.
Summary of how ADJ affects the TIA gain and differential
output voltage swing is tabulated in Table 5.
Here is a sample calculation of the values in Table 5 (50Ω
Net diff load, full tilt) for ADJ 00 as an illustration:
a. Output current values (ADJ 00) with max input current
of 90µA (from Table 2): 12mA, 2mA
b. Net diff output load: 50Ω (25Ω on each output)
c.
RT Calculation: RT(k
Ω) =
25
Ω[(12mA – 2mA) – (2mA – 12mA)]
90µA
= 5.56kΩ
VCC
I1
50
2 • RCM
4 TO
OPEN
OUT
TERM
LTC6563
6563 F09
Figure 9. CM Half-Circuit Equivalent for a
Non-Grounded External Load
The internal CM CTRL resistance varies from about 2Ω
to essentially an open circuit. At the lower end of the CM
CTRL resistance, RCM, the output CM voltage will be at
the minimum it can reach. And at the higher end of RCM,
it will be at the maximum it can reach.
The external CM resistance can also vary greatly, depend-
ing on whether any external loads are terminated differ-
entially or to GND.
Detailed Example 1: Differential Termination ONLY
With an external load connected, the output CM current
splits between the internal TERM pin and the external
load. However, with the configuration shown in Figure 7
and simplified in Figure 8, with no external CM DC current
path to ground, the entire output CM current must flow
through the internal TERM resistor(s).
Table 5. CM Minimum Voltage and Other Operating Performance Values for Various ADJ Settings of Figure 7
ADJ1
ADJ0
CM/AVERAGE OUTPUT
CURRENT IO (mA)
RT (kΩ)
ADC FS DIFF VOLTAGE
SWING WITH FULL
TILT (mVP-P)
MIN CM VOLTAGE (mV)
0
0
7
5.6
500
380
0
1
14
11.1
1000
756
1
0
21
16.7
1500
1134
1
1
28
22.2
2000
1512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com