Electronic Components Datasheet Search
  English  ▼

X  

AD8465 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8465
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8465 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8465 Datasheet HTML 10Page - Analog Devices AD8465 Datasheet HTML 11Page - Analog Devices AD8465 Datasheet HTML 12Page - Analog Devices AD8465 Datasheet HTML 13Page - Analog Devices AD8465 Datasheet HTML 14Page - Analog Devices AD8465 Datasheet HTML 15Page - Analog Devices AD8465 Datasheet HTML 16Page - Analog Devices AD8465 Datasheet HTML 17Page - Analog Devices AD8465 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
LTC6563
14
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
Pulse Stretching vs Input Current
Output Offset Histogram
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Output Response to VOFFSET
Pin Step
Input-Referred Noise Density for
Various Input Current Cancellation
with CIN,TOT = 0.5pF
Integrated Input-Referred
Noise for Various Input Current
Cancellation with CIN,TOT = 0.5pF
Output-Referred Noise Density for
Various Input Current Cancellation
with CIN,TOT = 0.5pF
INPUT CURRENT (mA)
0.01
0.1
1
5
0
0.5
1.0
1.5
2.0
2.5
3.0
125°C
85°C
25°C
–40°C
6563 G68
–100
0
100
200
300
400
500
VOFFSET
200ns/DIV
VOUTDIFF
6563 G71
FOR ANY ADJ SETTING
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
FREQUENCY (MHz)
1
10
100
1000 3000
1
10
100
500
6563 G74
41500 UNITS FROM 3
WAFER LOTS
DIFF OUTPUT OFFSET (mV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
6563 G69
–100
0
100
200
300
400
500
600
VOFFSET
200ns/DIV
VOUTDIFF
6563 G72
INTEGRATED STARTING FROM 100kHz
FREQUENCY (MHz)
100
200
300
400
500
600
0
25
50
75
100
125
150
175
200
225
FOR ANY ADJ SETTING
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
6563 G75
VOFFSET
200ns/DIV
–100
0
100
200
300
400
VOUTDIFF
6563 G70
–100
0
100
200
300
400
500
600
700
VOFFSET
200ns/DIV
VOUTDIFF
6563 G73
ADJ = 11
FREQUENCY (MHz)
1
10
100
1000 3000
10
100
1k
ICANCEL = 0µA
ICANCEL = 20µA
ICANCEL = 40µA
ICANCEL = 100µA
ICANCEL = 250µA
6563 G76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com