Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 2Page - Analog Devices LTC4012 Datasheet HTML 3Page - Analog Devices LTC4012 Datasheet HTML 4Page - Analog Devices LTC4012 Datasheet HTML 5Page - Analog Devices LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2959
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VDD (Pin 1): Power supply with a 1.8V to 60V operat-
ing range. Can be supplied from the battery directly by
connecting to the load/charger side of the sense resistor,
or by any other regulated voltage within range. Bypass
to GND (pin 10) with a 100nF capacitor. When register
B2 = 0, the Voltage ADC digitizes the voltage between
this pin and GND.
SENSEP (Pin 2): Positive Sense Input. This is the
non-inverting current-sense input. For high-side sensing,
connect SENSEP to the load and charger side of the sense
resistor. For low-side sensing, connect to the battery ter-
minal side. The common mode voltage is independent
from VDD and can range from 0 to 60V.
SENSEN (Pin 5): Negative Sense Input. This is the invert-
ing current-sense input. For high-side sensing, connect
SENSEN to the battery terminal side of the sense resistor.
For low-side sensing, connect to the load and charger
side. When register B2 = 1, the Voltage ADC digitizes the
voltage between this pin and GND.
CFP (Pin 3): Filter Capacitor Positive Input. Connect a
470nF capacitor between CFP and CFN. Do not connect
anything else to this pin.
CFN (Pin 4): Filter Capacitor Negative Input. Connect a
470nF capacitor between CFP and CFN. Do not connect
anything else to this pin.
SCL (Pin 6): Serial Bus Clock Input.
SDA (Pin 7): Serial Bus Data Input and Output. An external
pull-up resistor or current source is required.
GPIO (Pin 8): General Purpose Input/Output. Can be
configured as an SMBus alert output, a charge complete
logic input or an analog input to the ADC, via control
register bits [4:3]. At power-up, the pin defaults to ADC
input mode with a full-scale range of 1.56V. When con-
figured for alert functionality, it conforms to the SMBus
alert response protocol and behaves as an open-drain
logic output that pulls to GND when any threshold register
value is exceeded. When configured as a charge complete
input, connect to the charge complete output from the
battery charger circuit. A low level at this pin sets the value
of the ACR (registers D,E,F, G) to FFFFFFFFh. In ADC input
mode, when used to digitize a signal with a high source
impedance, connect a 100nF bypass capacitor between
GPIO and GND.
VREG (Pin 9): Voltage Regulator Output. Bypass with a
1µF capacitor to GND (Pin 10). Do not connect anything
else to this pin.
GND (Pin 10): Device Ground. For high-side sensing, con-
nect directly to the negative battery terminal. For low-side
sensing, connect to the load and charger side of the sense
resistor.
Exposed Pad (Pin 11): Do not connect this pad. For
optimal performance, do not solder the exposed pad to
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com