Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 6Page - Analog Devices LTC4012 Datasheet HTML 7Page - Analog Devices LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices LTC4012 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2959
10
Rev. 0
For more information www.analog.com
REGISTER MAP
REGISTER
NAME
LETTER
BITS
R/W
DEFAULT
DATA TYPE
00h
Status
A
A7:A0
COR
See Below
N/A
01h
ADC Control
B
B7:B0
R/W
See Below
N/A
02h
Coulomb Counter Control
C
C7:C0
R/W
See Below
N/A
03h
Accumulated Charge <31:24>
D
D7:D0
R/W
80h
Unsigned
04h
Accumulated Charge <23:16>
E
E7:E0
R/W
00h
Unsigned
05h
Accumulated Charge <15:8>
F
F7:F0
R/W
00h
Unsigned
06h
Accumulated Charge <7:0>
G
G7:G0
R/W
00h
Unsigned
07h
Charge Threshold Low <31:24>
H
H7:H0
R/W
00
Unsigned
08h
Charge Threshold Low <23:16>
I
I7:I0
R/W
00
Unsigned
09h
Charge Threshold Low <15:8>
J
J7:J0
R/W
00
Unsigned
0Ah
Charge Threshold Low <7:0>
K
K7:K0
R/W
00
Unsigned
0Bh
Charge Threshold High <31:24>
L
L7:L0
R/W
FFh
Unsigned
0Ch
Charge Threshold High <23:16>
M
M7:M0
R/W
FFh
Unsigned
0Dh
Charge Threshold High <15:8>
N
N7:N0
R/W
FFh
Unsigned
0Eh
Charge Threshold High <7:0>
O
O7:O0
R/W
FFh
Unsigned
0Fh
Voltage MSB
P
P7:P0
R
00h
Unsigned
10h
Voltage LSB
Q
Q7:Q0
R
00h
Unsigned
11h
Voltage Threshold High MSB
R
R7:R0
R/W
FFh
Unsigned
12h
Voltage Threshold High LSB
S
S7:S0
R/W
FFh
Unsigned
13h
Voltage Threshold Low MSB
T
T7:T0
R/W
00h
Unsigned
14h
Voltage Threshold Low LSB
U
U7:U0
R/W
00h
Unsigned
15h
Max Voltage MSB
V
V7:V0
R/W
00h
Unsigned
16h
Max Voltage LSB
W
W7:W0
R/W
00h
Unsigned
17h
Min Voltage MSB
X
X7:X0
R/W
FFh
Unsigned
18h
Min Voltage LSB
Y
Y7:Y0
R/W
FFh
Unsigned
19h
Current MSB
Z
Z7:Z0
R
00h
Signed
1Ah
Current LSB
AA
AA7:AA0
R
00h
Signed
1Bh
Current Threshold High MSB
AB
AB7:AB0
R/W
7Fh
Signed
1Ch
Current Threshold High LSB
AC
AC7:AC0
R/W
FFh
Signed
1Dh
Current Threshold Low MSB
AD
AD7:AD0
R/W
80h
Signed
1Eh
Current Threshold Low LSB
AE
AE7:AE0
R/W
00h
Signed
1Fh
Max Current MSB
AF
AF7:AF0
R/W
80h
Signed
20h
Max Current LSB
AG
AG7:AG0
R/W
00h
Signed
21h
Min Current MSB
AH
AH7:AH0
R/W
7Fh
Signed
22h
Min Current MSB
AI
AI7:AI0
R/W
FFh
Signed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com