Electronic Components Datasheet Search
  English  ▼

X  

LTC4012 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4012
Description  Ultra-Low Power Battery Gas Gauge
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4012 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4012 Datasheet HTML 8Page - Analog Devices LTC4012 Datasheet HTML 9Page - Analog Devices LTC4012 Datasheet HTML 10Page - Analog Devices LTC4012 Datasheet HTML 11Page - Analog Devices LTC4012 Datasheet HTML 12Page - Analog Devices LTC4012 Datasheet HTML 13Page - Analog Devices LTC4012 Datasheet HTML 14Page - Analog Devices LTC4012 Datasheet HTML 15Page - Analog Devices LTC4012 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2959
12
Rev. 0
For more information www.analog.com
Control (B) 8-bit
Table: CONTROL Register (01h) (Read/Write)
BIT
NAME
OPERATION
DEFAULT
B[7:5]
ADC Mode
[000] Sleep; does not convert and does not update any registers. The coulomb counter is
still active.
[001] Smart Sleep; converts V, I, T every 52 seconds (tolerance < ±5%); if B[4] is high,
also converts GPIO. Updates registers and threshold comparators.
[010] Continuously convert V (2.5kS/s)
[011] Continuously convert I (2.5kS/s)
[100] Continuously convert, alternating between V and I
[101] Single-shot convert V, I and T; if B[4] is high, appends GPIO conversion after T.
Resets to [000] after completing these conversions.
[110] Continuously convert V, I and T; if B[4] is high, appends GPIO conversion after T
[111] Unused
[000]
B[4:3]
GPIO Configure
Configures the GPIO pin.
[00] Alert mode; logic output; Alert functionality enabled
[01] Charge Complete mode; logic input; driving a logic LOW sets the Accumulated
Charge Register to 0xFFFFFFFF.
[10] Analog input to ADC with ±97.5mV input voltage range
[11] Analog input to ADC with 0V to 1.56V input voltage range
[11]
B[2]
Configure Voltage Input
0: ADC uses VDD as voltage input.
1: ADC uses SENSEN as voltage input.
0
B[1:0]
Reserved
Reserved
[00]
Coulomb Counter Configuration (C) 8-bit
Table: Coulomb Counter Configuration Register (02h) (Read/Write)
BIT
NAME
OPERATION
DEFAULT
C[7:6]
Coulomb Counter
Sets the VSENSE threshold below which no charge is added to the Accumulated Charge
Register.
[01]
Deadband
[00] 0µV (no deadband)
[01] 20µV
[10] 40µV
[11] 80µV
C[5:4]
Reserved
Reserved
[01]
C[3]
Do Not Count
Stops coulomb counting and prevents the Accumulated Charge Register from being
incremented/decremented.
0
C[2:0]
Reserved
Reserved
[000]
REGISTER MAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com