Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8640
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 5 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT8640A
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Low Load Efficiency at 3.3VOUT
Efficiency vs Frequency
Burst Mode Operation Efficiency
vs Inductor Value
LT8640A Feedback Reference
Voltage
12VIN to 3.3VOUT Efficiency
vs Frequency
12VIN to 5VOUT Efficiency
vs Frequency
Efficiency at 5VOUT
Low Load Efficiency at 5VOUT
Efficiency at 3.3VOUT
L = XGL6060
EFFICIENCY
POWER LOSS
1MHz, L = 3.3µH
2MHz, L = 2.2µH
3MHz, L = 1µH
LOAD CURRENT (A)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
8640A G01
L = XGL6060
EFFICIENCY
POWER LOSS
1MHz, L = 2.2µH
2MHz, L = 1µH
3MHz, L = 1µH
LOAD CURRENT (A)
0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
8640a G02
L = XGL6060, 3.3µH
EFFICIENCY
POWER LOSS
fSW = 1MHz
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
1
2
3
4
5
50
55
60
65
70
75
80
85
90
95
100
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
8640a G03
Burst Mode OPERATION
fSW = 1MHz
L = XGL6060, 4.7µH
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
8640a G05
Burst Mode OPERATION
fSW = 1MHz
L = XGL6060, 4.7µH
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
8640a G06
L = XGL6060, 2.2µH
EFFICIENCY
POWER LOSS
fSW = 1MHz
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
1
2
3
4
5
50
55
60
65
70
75
80
85
90
95
100
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
8640a G04
SWITCHING FREQUENCY (MHz)
0
96
94
92
90
88
84
86
82
80
1.5
2.5
3
8640a G07
0.5
1
2
VIN = 12V
VOUT = 3.3V
ILOAD = 2A
L = IHLP3232DZ-01, 4.7 H
INDUCTOR VALUE (µH)
1
65
70
75
80
85
90
95
2
3
4
5
6
7
8640a G08
8
VIN = 12V
VIN = 24V
VOUT = 5V
ILOAD = 10mA
L = IHLP3232DZ-01
TEMPERATURE (°C)
–50
0.971
0.973
0.975
150
8640a G09
0.969
0.967
0.965
0.961
0
50
100
–25
25
75
125
0.963
0.979
0.977



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com