Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8640
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT8640A
23
Rev. 0
For more information www.analog.com
1MHz 5V 5A Step-Down Converter
1MHz 3.3V, 5A Step-Down Converter
VIN2
VIN1
EN/UV
PG
LT8640A
8640a TA02
BST
SYNC/MODE
SW
TR/SS
BIAS
INTVCC
FB
RT
GND
0.1µF
10pF
100µF
1210
X5R/X7R
1M
VOUT
5V
5A
1µF
0603
1µF
0603
4.7µF
VIN
5.5V TO 42V
10nF
41.2k
1µF
3.3µH
243k
GND2
GND1
fSW = 1MHz
L: XEL6030
VIN2
VIN1
EN/UV
PG
LT8640A
8640a TA03
BST
SYNC/MODE
SW
TR/SS
BIAS
INTVCC
FB
RT
GND
0.1µF
10pF
100µF
1210
X5R/X7R
1M
VOUT
3.3V
5A
1µF
0603
1µF
0603
4.7µF
VIN
3.8V TO 42V
10nF
41.2k
1µF
2.2µH
412k
GND2
GND1
fSW = 1MHz
L: XEL6030
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com