Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT8640A
13
Rev. 0
For more information www.analog.com
OPERATION
The LT8640A is a monolithic, constant frequency, cur-
rent mode step-down DC/DC converter. An oscillator, with
frequency set using a resistor on the RT pin, turns on
the internal top power switch at the beginning of each
clock cycle. Current in the inductor then increases until
the top switch current comparator trips and turns off the
top power switch. The peak inductor current at which the
top switch turns off is controlled by the voltage on the
internal VC node. The error amplifier servos the VC node
by comparing the voltage on the VFB pin with an inter-
nal 0.97V reference. When the load current increases it
causes a reduction in the feedback voltage relative to the
reference leading the error amplifier to raise the VC volt-
age until the average inductor current matches the new
load current. The LT8640A-3.3 fixed output part uses the
VOUT pin and an internal resistor divider to generate an
internal FB node. When the top power switch turns off, the
synchronous power switch turns on until the next clock
cycle begins or inductor current falls to zero. If overload
conditions result in more than 9A flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
If the EN/UV pin is low, the LT8640A is shut down and
draws 1µA from the input. When the EN/UV pin is above
1V, the switching regulator will become active.
To optimize efficiency at light loads, the LT8640A operates
in Burst Mode operation in light load situations. Between
bursts, all circuitry associated with controlling the output
switch is shut down, reducing the input supply current to
1.7µA. In a typical application, 2.5µA will be consumed
from the input supply when regulating with no load. The
SYNC/MODE pin is tied low to use Burst Mode operation
and can be floated to use forced continuous mode (FCM).
If a clock is applied to the SYNC/MODE pin, the part will
synchronize to an external clock frequency and operate
in FCM.
The LT8640A can operate in forced continuous mode
(FCM) for fast transient response and full frequency oper-
ation over a wide load range. When in FCM the oscillator
operates continuously and positive SW transitions are
aligned to the clock. Negative inductor current is allowed.
The LT8640A can sink current from the output and return
this charge to the input in this mode, improving load step
transient response.
To improve EMI, the LT8640A can operate in spread
spectrum mode. This feature varies the clock with a tri-
angular frequency modulation of +20%. For example, if
the LT8640A’s frequency is programmed to switch at
2MHz, spread spectrum mode will modulate the oscillator
between 2MHz and 2.4MHz. The SYNC/MODE pin should
be tied high to INTVCC (~3.4V) or an external supply of 3V
to 4V to enable spread spectrum modulation with forced
continuous mode.
To improve efficiency across all loads, supply current to
internal circuitry can be sourced from the BIAS pin when
biased at 3.1V or above. Else, the internal circuitry will
draw current from VIN. The BIAS pin should be connected
to VOUT if the LT8640A output is programmed at 3.3V
to 25V.
Comparators monitoring the FB pin voltage will pull the PG
pin low if the output voltage varies more than ±8% (typi-
cal) from the set point, or if a fault condition is present.
The oscillator reduces the LT8640A’s operating frequency
when the voltage at the FB pin is low, or the voltage at the
VOUT pin is low on the LT8640A-3.3 fixed voltage option.
This frequency foldback helps to control the inductor cur-
rent when the output voltage is lower than the programmed
value which occurs during start-up or overcurrent condi-
tions. When a clock is applied to the SYNC/MODE pin, the
SYNC/MODE pin is floated, or held DC high, the frequency
foldback is disabled and the switching frequency will slow
down only during overcurrent conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com