Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8640
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT8640A
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Bias Pin Current
Bias Pin Current
Switching Waveforms, Full
Frequency Continuous Operation
Switching Waveforms
Case Temperature Rise
Case Temperature Rise vs 8A
Pulsed Load
INPUT VOLTAGE (V)
5
7.0
8.0
45
8640a G29
6.0
15
25
35
10
20
30
40
8.5
6.5
7.5
5.5
VBIAS = 5V
VOUT = 5V
ILOAD = 1A
fSW = 1MHz
SWITCHING FREQUENCY (MHz)
0.2
15
20
1.4
2.2
8640a G30
10
0.6
1
1.8
2.6
3
5
0
VBIAS = 5V
VOUT = 5V
VIN = 12V
ILOAD = 1A
DEMO BOARD ON STILL AIR
L = XEL6030
VIN = 12V, fsw = 1MHz, L = 3.3H
VIN = 24V, fsw = 1MHz, L = 3.3H
VIN = 12V, fsw = 2MHz, L = 1.5H
VIN = 24V, fsw = 2MHz, L = 1.5H
LOAD CURRENT (A)
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
8640a G31
DC3099A DEMO BOARD
VIN = 12V
VOUT = 5V
fSW = 2MHz
STANDBY LOAD = 0.25A
1kHz PULSED LOAD = 8A
DUTY CYCLE OF 8A LOAD
0
0.2
0.4
0.6
0.8
0
15
30
45
60
75
90
105
120
8640a G32
VIN = 12V
ILOAD = 2A
2ns/DIV
VSW
2V/DIV
8640a G33
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 1A
500ns/DIV
IL
1A/DIV
VSW
5V/DIV
8640a G34
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
5µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8640a G35
FRONT PAGE APPLICATION
36VIN TO 5VOUT AT 1A
500ns/DIV
VSW
10V/DIV
IL
1A/DIV
8640a G36
Switching Waveforms, Burst
Mode Operation
Switching Rising Edge
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
2.4
2.6
2.8
3.0
3.2
3.4
3.6
8640a G28
Minimum Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com