Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8640
Description  42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT8640A
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
FCM is disabled if the VIN pin is held above 37V or if the FB
pin is held greater than 8% above the feedback reference
voltage. FCM is also disabled during soft-start until the
soft-start capacitor is fully charged. When FCM is disabled
in these ways, negative inductor current is not allowed
and the LT8640A operates in pulse-skipping mode.
Spread Spectrum Mode
The LT8640A features spread spectrum operation to
further reduce EMI emissions. To enable spread spec-
trum operation, the SYNC/MODE pin should be tied high
to INTVCC (~3.4V) or an external supply of 3V to 4V.
In this mode, triangular frequency modulation is used
to vary the switching frequency between the value pro-
grammed by RT to approximately 20% higher than that
value. The modulation frequency is approximately 3kHz.
For example, when the LT8640A is programmed to 2MHz,
the frequency will vary from 2MHz to 2.4MHz at a 3kHz
rate. When spread spectrum operation is selected, Burst
Mode operation is disabled, and the part will run in forced
continuous mode.
Synchronization
To synchronize the LT8640A oscillator to an external fre-
quency, connect a square wave to the SYNC/MODE pin.
The square wave amplitude should have valleys that are
below 0.4V and peaks above 1.5V (up to 6V) with a mini-
mum on-time and off-time of 50ns.
The LT8640A will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will run forced continuous mode to maintain regu-
lation. The LT8640A may be synchronized over a 200kHz
to 3MHz range. The RT resistor should be chosen to set
the LT8640A switching frequency equal to or below the
lowest synchronization input. For example, if the synchro-
nization signal will be 500kHz and higher, the RT should
be selected for 500kHz. The slope compensation is set
by the RT value, while the minimum slope compensation
required to avoid subharmonic oscillations is established
by the inductor size, input voltage and output voltage.
Since the synchronization frequency will not change the
slopes of the inductor current waveform, if the inductor
is large enough to avoid subharmonic oscillations at the
Figure 3. Burst Mode Operation
Figure 4. Load Step Transient Response with
and without Forced Continuous Mode
Forced Continuous Mode
The LT8640A can operate in forced continuous mode
(FCM) for fast transient response and full frequency
operation over a wide load range. When in FCM, the
oscillator operates continuously and positive SW transi-
tions are aligned to the clock. Negative inductor current
is allowed at light loads or under large transient condi-
tions. The LT8640A can sink current from the output
and return this charge to the input in this mode, improv-
ing load step transient response (see Figure 4). At light
loads, FCM operation is less efficient than Burst Mode
operation, but may be desirable in applications where it
is necessary to keep switching harmonics out of the sig-
nal band. FCM must be used if the output is required to
sink current. To enable FCM, float the SYNC/MODE pin.
Leakage current on this pin should be <1µA. See Block
Diagram for internal pull-up and pull-down resistance.
FCM
Burst MODE
FRONT PAGE APPLICATION
100mA to 1.1A TRANSIENT
12VIN, 5VOUT
COUT = 47µF
50µs/DIV
VOUT
200mV/DIV
ILOAD
1A/DIV
8640a F04
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
5µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8640a F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com