Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Table 7-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
EN1
31
I
An active high input (VEN1 > 2 V) enables output 1. If outputs 1 and 2 are disabled, the LM25143 is in
shutdown mode unless a SYNC signal is present at DEMB. EN1 must never be floating.
RES
32
O
Restart timer pin. An external capacitor configures the hiccup-mode current limiting. A capacitor at the
RES pin determines the time the controller remains off before automatically restarting in hiccup mode. The
two regulator channels operate independently. One channel can operate in normal mode while the other
is in hiccup-mode overload protection. Hiccup mode commences when either channel experiences 512
consecutive PWM cycles with cycle-by-cycle current limiting. Connect RES to VDDA during power up to
disable hiccup-mode protection.
DEMB
33
I
Diode emulation pin. Connect DEMB to AGND to enable diode emulation mode. Connect DEMB to VDDA
to operate the LM25143 in forced PWM (FPWM) mode with continuous conduction at light loads. DEMB can
also be used as a synchronization input to synchronize the internal oscillator to an external clock.
MODE
34
I
Connect MODE to AGND or VDDA for dual-output or interleaved single-output operation, respectively.
This also configures the LM25143 with an EA transconductance of 1200 µS. Connecting a 10-kΩ resistor
between MODE and AGND sets the LM25143 for dual-output operation with an ultra-low IQ mode and an
EA transconductance of 60 µS.
AGND
35
G
Analog ground connection. Ground return for the internal voltage reference and analog circuits
VDDA
36
O
Internal analog bias regulator output. Connect a ceramic decoupling capacitor from VDDA to AGND.
RT
37
I
Frequency programming pin. A resistor from RT to AGND sets the oscillator frequency between 100 kHz
and 2.2 MHz.
DITH
38
I
A capacitor connected between the DITH pin and AGND is charged and discharged with a 20-µA current
source. If dithering is enabled, the voltage on the DITH pin ramps up and down modulating the oscillator
frequency between –5% and +5% of the internal oscillator. Connecting DITH to VDDA during power up
disables the dither feature. DITH is ignored if an external synchronization clock is used.
SYNCOUT
39
O
SYNCOUT is a logic level signal with a rising edge approximately 90° lagging HO2 (or 90° leading HO1).
When the SYNCOUT signal is used to synchronize a second LM25143 controller, all phases are 90° out of
phase.
EN2
40
I
An active high input (VEN2 > 2 V) enables output 2. If outputs 1 and 2 are disabled, the LM25143 is in
shutdown mode unless a SYNC signal is present on DEMB. EN2 must never be floating.
(1)
P = Power, G = Ground, I = Input, O = Output
LM25143
SNVSC10 – MARCH 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com