Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 13Page - Texas Instruments LM5146 Datasheet HTML 14Page - Texas Instruments LM5146 Datasheet HTML 15Page - Texas Instruments LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
2
2.2
2.4
2.6
2.8
D021
Rising
Falling
Figure 8-25. BOOT (HB1) UVLO Thresholds Versus
Temperature
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
16
18
20
22
24
D022
Figure 8-26. Soft-Start (SS1) Current Versus
Temperature
Switching Frquency (kHz)
0
400
800
1200
1600
2000
0
50
100
150
200
250
D023
Figure 8-27. RT Resistance Versus Switching Frequency
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com