Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments LM5146 Datasheet HTML 11Page - Texas Instruments LM5146 Datasheet HTML 12Page - Texas Instruments LM5146 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
8.5 Electrical Characteristics
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted), typical values
correspond to TJ = 25℃, VVIN = 12 V, VVCCX = 5 V, VVOUT1 = 3.3 V, VVOUT2 = 5 V, VEN1 = VEN2 = 5 V, RRT = 10 kΩ, FSW = 2.2
MHz, no load on the drive outputs (HO1, HOL1, LO1, LOL1, HO2, HOL2, LO2, and LOL2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (VIN)
ISHUTDOWN
Shutdown mode current
VEN1 = VEN2 = 0 V
3.5
7
µA
ISTANDBY1
Standby current, channel 1
VEN1 = 5 V, VEN2 = 0 V, VVOUT1 = 3.3 V, in
regulation, no load, not switching, DEMB =
MODE = GND
24
µA
ISTANDBY2
Standby current, channel 2
VEN1 = 0 V, VEN2 = 5 V, VVOUT2 = 5 V, in
regulation, no load, not switching, DEMB =
MODE = GND
25
µA
ISTANDBY3
Standby current, channel 1, ultra-low
IQ mode
VEN1 = 5 V, VEN2 = 0 V, VVOUT1 = 3.3 V, in
regulation, no load, not switching, DEMB =
GND, RMODE = 10 kΩ to GND
16.5
µA
ISTANDBY4
Standby current, channel 2, ultra-low
IQ mode
VEN1 = 0 V, VEN2 = 5 V, VVOUT2 = 5 V, in
regulation, no load, not switching, DEMB =
GND, RMODE = 10 kΩ to GND
21
µA
BIAS REGULATOR (VCC)
VVCC-REG
VCC regulation voltage
IVCC = 100 mA, VVCCX = 0 V
4.7
5
5.3
V
VCC-UVLO
VCC UVLO rising threshold
VVCC rising
3.2
3.3
3.4
V
VVCC-HYST
VCC UVLO hysteresis
182
mV
IVCC-LIM
VCC sourcing current limit
235
mA
ANALOG BIAS (VDDA)
VVDDA-REG
VDDA regulation voltage
4.75
5
5.25
V
VVDDA-UVLO
VDDA UVLO rising threshold
VVCC rising, VVCCX = 0 V
3.1
3.2
3.3
V
VVDDA-HYST
VDDA UVLO hysteresis
VVCCX = 0 V
90
mV
RVDDA
VDDA resistance
VVCCX = 0 V
20
Ω
EXTERNAL BIAS (VCCX)
VVCCX-ON
VCCX(ON) rising threshold
4.1
4.3
4.4
V
RVCCX
VCCX resistance
VVCCX = 5 V
1.2
Ω
VVCCX-HYST
VCCX hysteresis voltage
130
mV
CURRENT LIMIT (CS1, CS2)
VCS1
Current limit threshold 1
Measured from CS1 to VOUT1
66
73
82
mV
VCS2
Current limit threshold 2
Measured from CS2 to VOUT2
66
73
82
mV
tCS-DELAY
CS delay to output
40
ns
GCS
CS amplifier gain
11.25
12
12.6
V/V
ICS-BIAS
CS amplifier input bias current
15
nA
POWER GOOD (PG1, PG2)
PG1UV
PG1 UV trip level
Falling with respect to the regulation voltage
89.5%
92%
94%
PG2UV
PG2 UV trip level
Falling with respect to the regulation voltage
89.5%
92%
94%
PG2OV
PG2 OV trip level
Rising with respect to the regulation voltage
107.5%
110% 112.5%
PG2OV
PG2 OV trip level
Rising with respect to the regulation voltage
107.5%
110% 112.5%
PG1UV-HYST PG1 UV hysteresis
Rising with respect to the regulation voltage
3.4%
PG1OV-HYST PG1 OV hysteresis
Rising with respect to the regulation voltage
3.4%
PG2UV-HYST PG2 UV hysteresis
Rising with respect to the regulation voltage
3.4%
PG2OV-HYST PG2 OV hysteresis
Rising with respect to the regulation voltage
3.4%
VOL-PG1
PG1 voltage
Open collector, IPG1 = 2 mA
0.4
V
VOL-PG2
PG2 voltage
Open collector, IPG2 = 2 mA
0.4
V
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com