Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 14Page - Texas Instruments LM5146 Datasheet HTML 15Page - Texas Instruments LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
9 Detailed Description
9.1 Overview
The LM25143 is a dual-phase or dual-channel switching controller that features all of the functions necessary
to implement a high-efficiency synchronous buck power supply operating over a wide input voltage range from
3.5 V to 42 V. The LM25143 is configured to provide a fixed 3.3-V or 5-V output, or an adjustable output
between 0.6 V to 36 V. This easy-to-use controller integrates high-side and low-side MOSFET drivers capable of
sourcing 3.25-A and sinking 4.25-A peak current. Adaptive dead-time control is designed to minimize body diode
conduction during switching transitions.
Current-mode control using a shunt resistor or inductor DCR current sensing provides inherent line feedforward,
cycle-by-cycle peak current limiting, and easy loop compensation. It also supports a wide duty cycle range for
high input voltage and low dropout applications as well as when a high voltage conversion ratio (for example,
10-to-1) is required. The oscillator frequency is user-programmable between 100 kHz to 2.2 MHz, and the
frequency can be synchronized as high as 2.5 MHz by applying an external clock to DEMB.
An external bias supply can be connected to VCCX to maximize efficiency in high input voltage applications.
A user-selectable diode emulation feature enables discontinuous conduction mode (DCM) operation to further
improve efficiency and reduce power dissipation during light-load conditions. Fault protection features include
the following:
• Current limiting
• Thermal shutdown
• UVLO
• Remote shutdown capability
The LM25143 incorporates features to simplify the compliance with CISPR 11 and CISPR 32 EMI requirements.
An optional spread spectrum frequency modulation (SSFM) technique reduces the peak EMI signature, while
the adaptive gate drivers with slew rate control minimize high-frequency emissions. Finally, 180° out-of-phase
interleaved operation of the two controller channels reduces input filtering and capacitor requirements.
The LM25143 is provided in a 40-pin VQFN package with an exposed pad to aid in thermal dissipation.
LM25143
SNVSC10 – MARCH 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com