Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 3 Page - Texas Instruments

  LM5146 Datasheet HTML 1Page - Texas Instruments LM5146 Datasheet HTML 2Page - Texas Instruments LM5146 Datasheet HTML 3Page - Texas Instruments LM5146 Datasheet HTML 4Page - Texas Instruments LM5146 Datasheet HTML 5Page - Texas Instruments LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
5 Description (continued)
Several features are included to simplify compliance with CISPR 11 and CISPR 32 EMI requirements. Adaptively
timed, high-current MOSFET gate drivers with adjustable slew rate control minimize body diode conduction
during switching transitions, reducing switching losses and improving thermal and EMI performance at high
input voltage and high switching frequency. To reduce input capacitor ripple current and EMI filter size, 180°
interleaved operation is provided for two outputs. A 90° out-of-phase clock output works well for cascaded,
multi-channel, or multiphase power stages. Resistor-adjustable switching frequency as high as 2.2 MHz can
be synchronized to an external clock source up to 2.5 MHz to eliminate beat frequencies in noise-sensitive
applications. Optional triangular spread spectrum modulation further improves the EMI signature.
Additional features of the LM25143 include 150°C maximum junction temperature operation, user-selectable
diode emulation for lower current consumption at light-load conditions, configurable soft-start functions, open-
drain power-good flags for fault reporting and output monitoring, independent enable inputs, monotonic start-up
into prebiased loads, an integrated VCC bias supply regulator with automatic changeover to an external bias
connected at VCCX, programmable hiccup-mode overload protection, and thermal shutdown protection with
automatic recovery. Current is sensed using the inductor DCR for highest efficiency or an optional shunt resistor
for high accuracy.
The LM25143 controller comes in a 6-mm × 6-mm thermally enhanced, 40-pin VQFN package. The wide input
voltage range, low quiescent current consumption, high-temperature operation, cycle-by-cycle current limit, low
EMI signature, and small solution size provide an ideal point-of-load regulator solution for applications requiring
enhanced reliability and durability.
6 Device Comparison Table
Device
Orderable Part Number
Package Drawing
Package Type
Wettable Flanks
Maximum VIN
LM25143
LM25143RHAR
RHA
VQFN
No
42 V
LM5143
LM5143RHAR
RHA
VQFN
No
65 V
www.ti.com
LM25143
SNVSC10 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM25143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com